Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 252 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 252 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 248Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 249Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 250Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 251Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 252Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 253Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 254Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 255Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 252
 2010-2011 Microchip Technology Inc.
REGISTER 19-3:
MDCAR: MODULATOR CARRIER CONTROL REGISTER
R/W-x
R/W-x
R/W-x
U-0
R/W-x
R/W-x
R/W-x
R/W-x
CHODIS
CHPOL
CHSYNC
—
CH3(1)
CH2(1)
CH1(1)
CH0(1)
bit 15
bit 8
R/W-0
R/W-x
R/W-x
U-0
R/W-x
R/W-x
R/W-x
R/W-x
CLODIS
CLPOL
CLSYNC
—CL3(1)
CL2(1)
CL1(1)
CL0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CHODIS:
Modulator High Carrier Output Disable bit
1
= Output signal driving the peripheral output pin (selected by CH<3:0>) is disabled
0
= Output signal driving the peripheral output pin is enabled
bit 14
CHPOL:
Modulator High Carrier Polarity Select bit
1
= Selected high carrier signal is inverted
0
= Selected high carrier signal is not inverted
bit 13
CHSYNC:
Modulator High Carrier Synchronization Enable bit
1
= Modulator waits for a falling edge on the high carrier before allowing a switch to the low carrier
0
= Modulator output is not synchronized to the high time carrier signal(1)
bit 12
Unimplemented:
Read as ‘0’
bit 11-8
CH<3:0>
Modulator Data High Carrier Selection bits(1)
1111
. . .
= Reserved
1011
1010
= Output Compare/PWM Module 7 output
1001
= Output Compare/PWM Module 6 output
1000
= Output Compare/PWM Module 5 output
0111
= Output Compare/PWM Module 4 output
0110
= Output Compare/PWM Module 3 output
0101
= Output Compare/PWM Module 2 output
0100
= Output Compare/PWM Module 1 output
0011
= Reference clock (REFO) output
0010
= Input on MDCIN2 pin
0001
= Input on MDCIN1 pin
0000
= VSS
bit 7
CLODIS:
Modulator Low Carrier Output Disable bit
1
= Output signal driving the peripheral output pin (selected by CL<3:0>) is disabled
0
= Output signal driving the peripheral output pin is enabled
bit 6
CLPOL:
Modulator Low Carrier Polarity Select bit
1
= Selected low carrier signal is inverted
0
= Selected low carrier signal is not inverted
bit 5
CLSYNC:
Modulator Low Carrier Synchronization Enable bit
1
= Modulator waits for a falling edge on the low carrier before allowing a switch to the high carrier
0
= Modulator output is not synchronized to the low time carrier signal(1)
bit 4
Unimplemented:
Read as ‘0’
bit 3-0
CL<3:0>
Modulator Data Low Carrier Selection bits(1)
Bit settings are identical to those for CH<3:0>.
Note 1:
Narrowed carrier pulse widths or spurs may occur in the signal stream if the carrier is not synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com