Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 287 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 287 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 283Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 284Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 285Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 286Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 287Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 288Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 289Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 290Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 287
PIC24FJ128GA310 FAMILY
FIGURE 22-2:
ALARM MASK SETTINGS
22.6
POWER CONTROL
The RTCC includes a power control feature that allows
the device to periodically wake-up an external device,
wait for the device to be stable before sampling
wake-up events from that device, and then shut down
the external device. This can be done completely
autonomously by the RTCC, without the need to wake
from the current lower power mode (Sleep, Deep
Sleep, etc.).
To use this feature:
1.
Enable the RTCC (RTCEN = 1).
2.
Set the PWCEN bit (RTCPWC<15>).
3.
Configure the RTCC pin to drive the PWC control
signal (RTCOE = 1 and RTCOUT<1:0> = 11).
The polarity of the PWC control signal may be chosen
using the PWCPOL bit (RTCPWC<14>). An active-low
or active-high signal may be used with the appropriate
external switch to turn on or off the power to one or
more external devices. The active-low setting may also
be used in conjunction with an open-drain setting on
the RTCC pin, in order to drive the ground pin(s) of the
external device directly (with the appropriate external
VDD pull-up device), without the need for external
switches. Finally, the CHIME bit should be set to enable
the PWC periodicity.
22.7
RTCC VBAT OPERATION
The RTCC can operate in VBAT mode when there is a
power loss on the VDD pin. The RTCC will continue to
operate if the VBAT pin is powered on (it is usually
connected to the battery).
The VBAT BOR can be enabled/disabled using the
VBTBOR bit in the CW3 Configuration register
(CW3<7>). If the VBTBOR enable bit is cleared, the
VBAT BOR is always disabled and there will be no indi-
cation of a VBAT BOR. If the VBTBOR bit is set, the
RTCC can receive a Reset and the RTCEN bit will get
cleared; it can happen anywhere between 1.95-1.4V
(typical).
Note
1:
Annually, except when configured for February 29.
s
ss
ms
s
mm
s
s
hh
m
m
s
s
dh
h
m
m
s
s
dd
h
h
m
m
s
s
mm
d
d
h
h
m
m
s
s
Day of
the
Week
Month
Day
Hours
Minutes
Seconds
Alarm Mask Setting
(AMASK<3:0>)
0000
- Every half second
0001
- Every second
0010
- Every 10 seconds
0011
- Every minute
0100
- Every 10 minutes
0101
- Every hour
0110
- Every day
0111
- Every week
1000
- Every month
1001
- Every year(1)
Note:
It is recommended to connect the VBAT
pin to VDD if the VBAT mode is not used
(not connected to the battery).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com