Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 289 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 289 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 285Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 286Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 287Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 288Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 289Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 290Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 291Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 292Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 293Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 289
PIC24FJ128GA310 FAMILY
23.0
32-BIT PROGRAMMABLE
CYCLIC REDUNDANCY CHECK
(CRC) GENERATOR
The 32-bit programmable CRC generator provides a
hardware implemented method of quickly generating
checksums for various networking and security
applications. It offers the following features:
• User-programmable CRC polynomial equation,
up to 32 bits
• Programmable shift direction (little or big-endian)
• Independent data and polynomial lengths
• Configurable interrupt output
• Data FIFO
Figure 23-1 displays a simplified block diagram of the
CRC generator. A simple version of the CRC shift
engine is displayed in Figure 23-2.
FIGURE 23-1:
CRC BLOCK DIAGRAM
FIGURE 23-2:
CRC SHIFT ENGINE DETAIL
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F
Family
Reference
Manual
”,
Section
41.
“32-Bit
Programmable
Cyclic
Redundancy
Check
(CRC)”
(DS39729). The information in this data
sheet supersedes the information in the
FRM.
CRC
Interrupt
Variable FIFO
(4x32, 8x16 or 16x8)
CRCDATH
CRCDATL
Shift Buffer
CRC Shift Engine
CRCWDATH
CRCWDATL
Shifter Clock
2 * FCY
LENDIAN
CRCISEL
1
0
FIFO Empty
Event
Shift
Complete
Event
1
0
Note 1:
n = PLEN<4:1> + 1.
CRC Shift Engine
CRCWDATH
CRCWDATL
Bit 0
Bit 1
Bit n(1)
X0
X1
Xn(1)
Read/Write Bus
Shift Buffer
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com