Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 297 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 297 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 293Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 294Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 295Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 296Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 297Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 298Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 299Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 300Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 301Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 297
PIC24FJ128GA310 FAMILY
24.2
Extended DMA Operations
In addition to the standard features available on all
12-bit A/D Converters, PIC24FJ128GA310 family
devices implement a limited extension of DMA func-
tionality. This extension adds features that work with
the device’s DMA Controller to expand the A/D
module’s data storage abilities beyond the module’s
built-in buffer.
The Extended DMA functionality is controlled by the
DMAEN bit (AD1CON1<10>); setting this bit enables
the functionality. The DMABM bit (AD1CON1<11>)
configures how the DMA feature operates.
24.2.1
EXTENDED BUFFER MODE
Extended Buffer mode (DMABM = 1) is useful for stor-
ing the results of conversions on the upper channels
(i.e., 26 and above), which do not have their own
memory mapped buffers inside the A/D module. It can
also be used to store the conversion results on any A/D
channel in any implemented address in data RAM.
In Extended Buffer mode, all data from the A/D Buffer
register, and channels above 26, is mapped into data
RAM. Conversion data is written to a destination
specified by the DMA Controller, specifically by the
DMADST register. This allows users to read the con-
version results of channels above 26, which do not
have their own memory mapped A/D buffer locations,
from data memory.
When using Extended Buffer mode, always set the
BUFREGEN bit to disable FIFO operation. In addition,
disable the Split Buffer mode by clearing the BUFM bit.
24.2.2
PIA MODE
When DMABM = 0, the A/D module is configured to
function with the DMA controller for Peripheral Indirect
Addressing (PIA) mode operations. In this mode, the
A/D module generates an 11-bit Indirect Address (IA).
This is ORed with the destination address in the DMA
Controller to define where the A/D conversion data will
be stored.
In PIA mode, the buffer space is created as a series of
contiguous smaller buffers, one per analog channel. The
size of the channel buffer determines how many analog
channels can be accommodated. The size of the buffer
is selected by the DMABL bits (AD1CON4<2:0>). The
size options range from a single word per buffer to
128 words. Each channel is allocated a buffer of this
size, regardless of whether or not the channel will
actually have conversion data.
The IA is created by combining the base address within
a channel buffer with three to five bits (depending on
the buffer size) to identify the channel. The base
address ranges from zero to seven bits wide, depend-
ing on the buffer size. The address is right-padded with
a ‘0’ in order to maintain address alignment in the data
space. The concatenated channel and base address
bits are then left-padded with zeroes, as necessary, to
complete the 11-bit IA.
The IA is configured to auto-increment during write
operations by using the SMPI bits (AD1CON2<6:2>).
As with PIA operations for any DMA-enabled module,
the base destination address in the DMADST register
must be masked properly to accommodate the IA.
Table 24-1 shows how complete addresses are
formed. Note that the address masking varies for each
buffer size option. Because of masking requirements,
some address ranges may not be available for certain
buffer sizes. Users should verify that the DMA base
address is compatible with the buffer size selected.
Figure 24-2 shows how the parts of the address define
the buffer locations in data memory. In this case, the
module “allocates” 256 bytes of data RAM (1000h to
1100h) for 32 buffers of four words each. However, this
is not a hard allocation and nothing prevents these
locations from being used for other purposes. For
example, in the current case, if Analog Channels 1, 3
and 8 are being sampled and converted, conversion
data will only be written to the channel buffers, starting
at 1008h, 1018h and 1040h. The holes in PIA buffer
space can be used for any other purpose. It is the
user’s responsibility to keep track of buffer locations
and preventing data overwrites.
24.3
A/D Operation with VBAT
One of the A/D channels is connected to the VBAT pin
to monitor the VBAT voltage. This allows monitoring the
VBAT pin voltage (battery voltage) with no external con-
nection. The voltage measured, using the A/D VBAT
monitor, is VBAT/2. The voltage can be calculated by
reading A/D = ((VBAT/2)/VDD) * 1024 for 10-bit A/D and
((VBAT/2)/VDD) * 4096 for 12 bit A/D.
When using the VBAT A/D monitor:
• Connect the A/D channel to ground to discharge
the sample capacitor.
• Because of the high-impedance of VBAT, select
higher sampling time to get an accurate reading.
Since the VBAT pin is connected to the A/D during
sampling, to prolong the VBAT battery life, the
recommendation is to select the VBAT channel when
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com