Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 300 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 300 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 296Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 297Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 298Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 299Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 300Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 301Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 302Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 303Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 304Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 300
 2010-2011 Microchip Technology Inc.
REGISTER 24-1:
AD1CON1: A/D CONTROL REGISTER 1
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADON
—ADSIDL
DMABM(1)
DMAEN
MODE12
FORM1
FORM0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0, HCS
R/C-0, HCS
SSRC3
SSRC2
SSRC1
SSRC0
—
ASAM
SAMP
DONE
bit 7
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
HSC = Hardware Settable/Clearable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADON:
A/D Operating Mode bit
1
= A/D Converter module is operating
0
= A/D Converter is off
bit 14
Unimplemented:
Read as ‘0’
bit 13
ADSIDL:
Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12
DMABM:
Extended DMA Buffer Mode Select bit(1)
1
= Extended Buffer mode: Buffer address is defined by the DMAnDST register
0
= PIA mode: Buffer addresses are defined by the DMA controller and AD1CON4<2:0>
bit 11
DMAEN:
Extended DMA/Buffer Enable bit
1
= Extended DMA and buffer features are enabled
0
= Extended features are disabled
bit 10
MODE12:
12-Bit Operation Mode bit
1
= 12-bit A/D operation
0
= 10-bit A/D operation
bit 9-8
FORM<1:0>:
Data Output Format bits (see formats following)
11
= Fractional result, signed, left-justified
10
= Absolute fractional result, unsigned, left-justified
01
= Decimal result, signed, right-justified
00
= Absolute decimal result, unsigned, right-justified
bit 7-4
SSRC<3:0>:
Sample Clock Source Select bits
1xxx
= Unimplemented, do not use
0111
= Internal counter ends sampling and starts conversion (auto-convert). Do not use in
Auto-Scan mode
0110
= Unimplemented
0101
=TMR1
0100
=CTMU
0011
=TMR5
0010
=TMR3
0001
=INT0
0000
= The SAMP bit must be cleared by software to start conversion
bit 3
Unimplemented:
Read as ‘0’
bit 2
ASAM:
A/D Sample Auto-Start bit
1
= Sampling begins immediately after last conversion; SAMP bit is auto-set
0
= Sampling begins when SAMP bit is manually set
Note 1:
This bit is only available when Extended DMA/Buffer features are available (DMAEN = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com