Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 302 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 302 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 298Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 299Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 300Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 301Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 302Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 303Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 304Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 305Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 306Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 302
 2010-2011 Microchip Technology Inc.
REGISTER 24-2:
AD1CON2: A/D CONTROL REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
PVCFG1
PVCFG0
NVCFG0
OFFCAL
BUFREGEN
CSCNA
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BUFS(1)
SMPI4
SMPI3
SMPI2
SMPI1
SMPI0
BUFM(1)
ALTS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
PVCFG<1:0>:
Converter Positive Voltage Reference Configuration bits
1x
= Unimplemented, do not use
01
=External VREF+
00
=AVDD
bit 13
NVCFG0:
Converter Negative Voltage Reference Configuration bits
1
=External VREF-
0
=AVSS
bit 12
OFFCAL:
Offset Calibration Mode Select bit
1
= Inverting and non-inverting inputs of channel Sample-and-Hold are connected to AVSS
0
= Inverting and non-inverting inputs of channel Sample-and-Hold are connected to normal inputs
bit 11
BUFREGEN:
A/D Buffer Register Enable bit
1
= Conversion result is loaded into the buffer location determined by the converted channel
0
= A/D result buffer is treated as a FIFO
bit 10
CSCNA:
Scan Input Selections for CH0+ During Sample A bit
1
= Scan inputs
0
= Do not scan inputs
bit 9-8
Unimplemented:
Read as ‘0’
bit 7
BUFS:
Buffer Fill Status bit(1)
1
= A/D is filling the upper half of the buffer; user should access data in the lower half
0
= A/D is filling the lower half of the buffer; user should access data in the upper half
bit 6-2
SMPI<4:0>:
Interrupt Sample/DMA Increment Rate Select bits
When DMAEN = 1:
0001
= For 2-channel DMA A/D operation
0000
= For 1-channel DMA A/D operation
When DMAEN = 0:
Selects the number of sample/conversions per each interrupt
11111
= Interrupt/address increment at the completion of conversion for each 32nd sample
11110
= Interrupt/address increment at the completion of conversion for each 31st sample

00001
= Interrupt/address increment at the completion of conversion for every other sample
00000
= Interrupt/address increment at the completion of conversion for each sample
Note 1:
These bits are only applicable when the buffer is used in FIFO mode (BUFREGEN = 0). In addition, BUFS
is only used when BUFM = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com