Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 306 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 306 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 302Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 303Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 304Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 305Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 306Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 307Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 308Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 309Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 310Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 306
 2010-2011 Microchip Technology Inc.
REGISTER 24-6:
AD1CHS: A/D SAMPLE SELECT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH0NB2
CH0NB1
CH0NB0
CH0SB4
CH0SB3
CH0SB2
CH0SB1
CH0SB0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH0NA2
CH0NA1
CH0NA0
CH0SA4
CH0SA3
CH0SA2
CH0SA1
CH0SA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
CH0NB<2:0>:
Sample B Channel 0 Negative Input Select bits
1xx
= Unimplemented
011
= Unimplemented
010
=AN1
001
= Unimplemented
000
=VREF-/AVSS
bit 12-8
CH0SB<4:0>:
Sample B Channel 0 Positive Input Select bits
11111
=VBAT/2(1)
11110
=AVDD(1)
11101
=AVSS(1)
11100
= Band gap reference (VBG)(1)
11011
=VBG/2(1)
11010
=VBG/6(1)
11001
=CTMU
11000
= CTMU temperature sensor input (does not require AD1CTMENH<8> to be set)
10111
=AN23(2)
10110
=AN22(2)
10101
=AN21(2)
10100
=AN20(2)
10011
=AN19(2)
10010
=AN18(2)
10001
=AN17(2)
10000
=AN16(2)
01111
=AN15
01110
=AN14
01101
=AN13
01100
=AN12
01011
=AN11
01010
=AN10
01001
=AN9
01000
=AN8
00111
=AN7
00110
=AN6
00101
=AN5
00100
=AN4
00011
=AN3
00010
=AN2
00001
=AN1
00000
=AN0
Note 1:
These input channels do not have corresponding memory mapped result buffers.
2:
These channels are implemented in 100-pin devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com