Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 307 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 307 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 303Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 304Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 305Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 306Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 307Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 308Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 309Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 310Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 307
PIC24FJ128GA310 FAMILY
bit 7-5
CH0NA<2:0>:
Sample A Channel 0 Negative Input Select bits
Same definitions as for CHONB<2:0>.
bit 4-0
CH0SA<4:0>:
Sample A Channel 0 Positive Input Select bits
Same definitions as for CHOSB<4:0>.
REGISTER 24-6:
AD1CHS: A/D SAMPLE SELECT REGISTER (CONTINUED)
Note 1:
These input channels do not have corresponding memory mapped result buffers.
2:
These channels are implemented in 100-pin devices only.
REGISTER 24-7:
ANCFG: A/D BAND GAP REFERENCE CONFIGURATION
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
VBG6EN
VBG2EN
VBGEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-3
Unimplemented:
Read as ‘0’
bit 2
VBG6EN:
A/D Input VBG/6 Enable bit
1
= Band gap voltage, divided by six reference (VBG/6), is enabled
0
= Band gap, divided by six reference (VBG/6), is disabled
bit 1
VBG2EN:
A/D Input VBG/6 Enable bit
1
= Band gap voltage, divided by two reference (VBG/6), is enabled
0
= Band gap, divided by two reference (VBG/6), is disabled
bit 0
VBGEN:
A/D Input VBG/6 Enable bit
1
= Band gap voltage reference (VBG/6) is enabled
0
= Band gap reference (VBG/6) is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com