Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 345 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 345 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 341Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 342Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 343Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 344Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 345Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 346Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 347Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 348Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 345
PIC24FJ128GA310 FAMILY
29.4
Program Verification and
Code Protection
PIC24FJ128GA310 family devices provide two compli-
mentary methods to protect application code from
overwrites and erasures. These also help to protect the
device from inadvertent configuration changes during
run time.
29.4.1
GENERAL SEGMENT PROTECTION
For all devices in the PIC24FJ128GA310 family, the
on-chip program memory space is treated as a single
block, known as the General Segment (GS). Code pro-
tection for this block is controlled by one Configuration
bit, GCP. This bit inhibits external reads and writes to
the program memory space. It has no direct effect in
normal execution mode.
Write protection is controlled by the GWRP bit in the
Configuration Word. When GWRP is programmed to
‘0’, internal write and erase operations to program
memory are blocked.
29.4.2
CODE SEGMENT PROTECTION
In addition to global General Segment protection, a
separate subrange of the program memory space can
be individually protected against writes and erases.
This area can be used for many purposes where a sep-
arate block of write and erase-protected code is
needed, such as bootloader applications. Unlike
common boot block implementations, the specially
protected segment in the PIC24FJ128GA310 family
devices can be located by the user anywhere in the
program space and configured in a wide range of sizes.
Code segment protection provides an added level of
protection to a designated area of program memory by
disabling the NVM safety interlock whenever a write or
erase address falls within a specified range. It does not
override General Segment protection controlled by the
GCP or GWRP bits. For example, if GCP and GWRP
are enabled, enabling segmented code protection for
the bottom half of program memory does not undo
General Segment protection for the top half.
The size and type of protection for the segmented code
range are configured by the WPFPx, WPEND, WPCFG
and WPDIS bits in Configuration Word 3. Code seg-
ment protection is enabled by programming the WPDIS
bit (= 0). The WPFP bits specify the size of the segment
to be protected, by specifying the 512-word code page
that is the start or end of the protected segment. The
specified region is inclusive, therefore, this page will
also be protected.
The WPEND bit determines if the protected segment
uses the top or bottom of the program space as a
boundary. Programming WPEND (= 0) sets the bottom
of program memory (000000h) as the lower boundary
of the protected segment. Leaving WPEND unpro-
grammed (= 1) protects the specified page through the
last page of implemented program memory, including
the Configuration Word locations.
A separate bit, WPCFG, is used to protect the last page
of program space, including the Flash Configuration
Words. Programming WPCFG (= 0) protects the last
page in addition to the pages selected by the WPEND
and WPFP<6:0> bits setting. This is useful in circum-
stances where write protection is needed for both the
code segment in the bottom of the memory and the
Flash Configuration Words.
The various options for segment code protection are
shown in Table 29-2.
TABLE 29-2:
CODE SEGMENT PROTECTION CONFIGURATION OPTIONS
Segment Configuration Bits
Write/Erase Protection of Code Segment
WPDIS
WPEND
WPCFG
1xx
No additional protection is enabled; all program memory protection is configured
by GCP and GWRP.
01x
Addresses from the first address of the code page are defined by WPFP<7:0>
through the end of implemented program memory (inclusive); write/erase
protected, including Flash Configuration Words.
001
Address 000000h through the last address of the code page is defined by
WPFP<7:0> (inclusive); write/erase protected.
000
Address 000000h through the last address of code page is defined by
WPFP<7:0> (inclusive); write/erase protected and the last page, including Flash
Configuration Words, are write/erase protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com