Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 341 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 341 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 337Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 338Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 339Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 340Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 341Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 342Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 343Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 344Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 345Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 341
PIC24FJ128GA310 FAMILY
bit 4-0
DSWDPS<4:0>:
Deep Sleep Watchdog Timer Postscaler Select bits
11111
= 1:68,719,476,736 (25.7 days)
11110
= 1:34,359,738,368(12.8 days)
11101
= 1:17,179,869,184 (6.4 days)
11100
= 1:8,589,934592 (77.0 hours)
11011
= 1:4,294,967,296 (38.5 hours)
11010
= 1:2,147,483,648 (19.2 hours)
11001
= 1:1,073,741,824 (9.6 hours)
11000
= 1:536,870,912 (4.8 hours)
10111
= 1:268,435,456 (2.4 hours)
10110
= 1:134,217,728 (72.2 minutes)
10101
= 1:67,108,864 (36.1 minutes)
10100
= 1:33,554,432 (18.0 minutes)
10011
= 1:16,777,216 (9.0 minutes)
10010
= 1:8,388,608 (4.5 minutes)
10001
= 1:4,194,304 (135.3 s)
10000
= 1:2,097,152 (67.7 s)
01111
= 1:1,048,576 (33.825 s)
01110
= 1:524,288 (16.912 s)
01101
= 1:262,114 (8.456 s)
01100
= 1:131,072 (4.228 s)
01011
= 1:65,536 (2.114 s)
01010
= 1:32,768 (1.057 s)
01001
= 1:16,384 (528.5 ms)
01000
= 1:8,192 (264.3 ms)
00111
= 1:4,096 (132.1 ms)
00110
= 1:2,048 (66.1 ms)
00101
= 1:1,024 (33 ms)
00100
= 1:512 (16.5 ms)
00011
= 1:256 (8.3 ms)
00010
= 1:128 (4.1 ms)
00001
= 1:64 (2.1 ms)
00000
= 1:32 (1 ms)
REGISTER 29-4:
CW4: FLASH CONFIGURATION WORD 4 (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com