Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 338 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 338 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 334Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 335Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 336Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 337Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 338Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 339Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 340Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 341Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 342Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 338
 2010-2011 Microchip Technology Inc.
REGISTER 29-3:
CW3: FLASH CONFIGURATION WORD 3
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 23
bit 16
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
r-1
R/PO-1
WPEND
WPCFG
WPDIS
BOREN
WDTWIN1
WDTWIN0
r
SOSCSEL
bit 15
bit 8
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
VBTBOR
WPFP6(3)
WPFP5
WPFP4
WPFP3
WPFP2
WPFP1
WPFP0
bit 7
bit 0
Legend:
PO = Program Once bit
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-16
Unimplemented:
Read as ‘1’
bit 15
WPEND:
Segment Write Protection End Page Select bit
1
= Protected code segment upper boundary is at the last page of program memory; the lower
boundary is the code page specified by WPFP<6:0>
0
= Protected code segment lower boundary is at the bottom of the program memory (000000h); upper
boundary is the code page specified by WPFP<6:0>
bit 14
WPCFG:
Configuration Word Code Page Write Protection Select bit
1
= Last page (at the top of program memory) and Flash Configuration Words are not write-protected(1)
0
= Last page and Flash Configuration Words are write-protected provided WPDIS = ‘0’
bit 13
WPDIS:
Segment Write Protection Disable bit
1
= Segmented code protection is disabled
0
= Segmented code protection is enabled; protected segment is defined by the WPEND, WPCFG and
WPFPx Configuration bits
bit 12
BOREN:
Brown-out Reset Enable bit
1
= BOR is enabled (all modes except Deep Sleep)
0
= BOR is disabled
bit 11-10
WDTWIN<1:0>:
Watchdog Timer Window Width Select bits
11
=25%
10
=37.5%
01
=50%
00
=75%
bit 9
Reserved:
Always maintain as ‘1’
bit 8
SOSCSEL:
SOSC Selection bit
1
= SOSC circuit is selected
0
= Digital (SCLKI) mode(2)
bit 7
VBTBOR:
VBAT BOR Enable bit
1
=VBAT BOR is enabled
0
=VBAT BOR is disabled
Note 1:
Regardless of WPCFG status, if WPEND = 1 or if WPFP corresponds to the Configuration Word page, the
Configuration Word page is protected.
2:
Ensure that the SCLKI pin is made a digital input while using this configuration (see Table 11-1).
3:
For the 62K devices: PIC24FJ64GA310, PIC24FJ64GA308 and PIC24FJ64GA306, bit 6 should be
maintained as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com