Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 339 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 339 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 335Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 336Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 337Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 338Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 339Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 340Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 341Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 342Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 339
PIC24FJ128GA310 FAMILY
bit 6-0
WPFP<6:0>:
Write-Protected Code Segment Boundary Page bits(3)
Designates the 256 instruction words page boundary of the protected code segment.
If WPEND = 1:
Specifies the lower page boundary of the code-protected segment; the last page being the last
implemented page in the device.
If WPEND = 0:
Specifies the upper page boundary of the code-protected segment; Page 0 being the lower boundary.
REGISTER 29-3:
CW3: FLASH CONFIGURATION WORD 3 (CONTINUED)
Note 1:
Regardless of WPCFG status, if WPEND = 1 or if WPFP corresponds to the Configuration Word page, the
Configuration Word page is protected.
2:
Ensure that the SCLKI pin is made a digital input while using this configuration (see Table 11-1).
3:
For the 62K devices: PIC24FJ64GA310, PIC24FJ64GA308 and PIC24FJ64GA306, bit 6 should be
maintained as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com