Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 360 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 360 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 356Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 357Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 358Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 359Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 360Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 361Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 362Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 363Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 364Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 360
 2010-2011 Microchip Technology Inc.
32.1
DC Characteristics
FIGURE 32-1:
PIC24FJ128GA310 FAMILY VOLTAGE-FREQUENCY GRAPH (INDUSTRIAL)
TABLE 32-1:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
PIC24FJ128GA310 family:
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Operating Ambient Temperature Range
TA
-40
—
+85
°C
Power Dissipation:
Internal Chip Power Dissipation: PINT = VDD x (IDD –
 IOH)
PD
PINT + PI/O
W
I/O Pin Power Dissipation:
PI/O =
 ({VDD – VOH} x IOH) +  (VOL x IOL)
Maximum Allowed Power Dissipation
PDMAX
(TJMAX – TA)/
JA
W
Frequency
2.0V
32 MHz
3.6V
3.6V
2.0V
2.2V
2.2V
Note:
VCAP (nominal On-Chip Regulator output voltage) = 1.8V.
PIC24FJXXXDA1
TABLE 32-2:
THERMAL PACKAGING CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Note
Package Thermal Resistance, 14x14x1 mm 100-pin TQFP
JA
43.0
—
°C/W
(Note 1)
Package Thermal Resistance, 12x12x1 mm 100-pin TQFP
JA
45.0
—
°C/W
(Note 1)
Package Thermal Resistance, 12x12x1 mm 80-pin TQFP
JA
48.0
—
°C/W
(Note 1)
Package Thermal Resistance, 10x10x1 mm 64-pin TQFP
JA
48.3
—
°C/W
(Note 1)
Package Thermal Resistance, 9x9x0.9 mm 64-pin QFN
JA
28.0
—
°C/W
(Note 1)
Package Thermal Resistance, 10x10x1.1 mm 121-pin BGA
JA
40.2
—
°C/W
(Note 1)
Note 1:
Junction to ambient thermal resistance, Theta-JA (
JA) numbers are achieved by package simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com