Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 364 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 364 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 360Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 361Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 362Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 363Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 364Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 365Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 366Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 367Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 368Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 364
 2010-2011 Microchip Technology Inc.
TABLE 32-7:
DC CHARACTERISTICS:
CURRENT (BOR, WDT, DSBOR, DSWDT, LCD)
DC CHARACTERISTICS
Standard Operating Conditions: 2V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
Parameter
No.
Typical(1)
Max
Units
Operating
Temperature
VDD
Conditions
Incremental Current Brown-out Reset (
BOR)(2)
DC20
3.1
5
A
-40°C to +85°C
2.0V
BOR(2)
4.3
6
A
-40°C to +85°C
3.3V
Incremental Current Brown-out Reset (
WDT)(2)
DC71
0.8
1.5
A
-40°C to +85°C
2.0V
WDT(2)
0.8
1.5
A
-40°C to +85°C
3.3V
Incremental Current HLVD (
HLVD)(2)
DC75
5.7
15
A
-40°C to +85°C
2.0V
HLVD(2)
5.7
15
A
-40°C to +85°C
3.3V
Incremental Current Real-Time Clock and Calendar (RTCC)(2)
DC77
0.4
1
A
-40°C to +85°C
2.0V
RTCC(2)
RTCC with SOSC
0.4
1
A
-40°C to +85°C
3.3V
Incremental Current Real-Time Clock and Calendar (RTCC)(2)
DC77a
0.4
1
A
-40°C to +85°C
2.0V
RTCC(2)
RTCC with LPRC
0.4
1
A
-40°C to +85°C
3.3V
Incremental Current Deep Sleep BOR (
 DSBOR)(2)
DC81
0.07
0.3
A
-40°C to +85°C
2.0V
Deep Sleep BOR(2)
0.07
0.3
A
-40°C to +85°C
3.3V
Incremental Current Deep Sleep Watchdog Timer Reset (
 DSWDT)(2)
DC80
0.27
0.4
A
-40°C to +85°C
2.0V
Deep Sleep WDT(2)
0.27
0.4
A
-40°C to +85°C
3.3V
Incremental Current LCD (
 LCD)(2)
0.8
3
A
-40°C to +85°C
3.3V
LCD External/Internal(2,3)
1/8 MUX 1/3 Bias
DC90
20
30
A
-40°C to +85°C
2.0V
LCD Charge Pump(2,4)
1/8 MUX 1/3 Bias
24
40
A
-40°C to +85°C
3.3V
VBAT A/D Monitor(5)
DC91
1.5
—
A
-40°C to +85°C
3.3V
VBAT = 2V
4—
A
-40°C to +85°C
3.3V
VBAT = 3.3V
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
2:
Incremental current while the module is enabled and running.
3:
LCD is enabled and running; no glass is connected; the resistor ladder current is not included.
4:
LCD is enabled and running; no glass is connected.
5:
The A/D channel is connected to the VBAT pin internally, this is the current during A/D VBAT operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com