Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 367 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 367 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 363Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 364Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 365Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 366Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 367Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 368Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 369Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 370Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 371Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 367
PIC24FJ128GA310 FAMILY
TABLE 32-11: INTERNAL VOLTAGE REGULATOR SPECIFICATIONS
Operating Conditions:
-40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristics
Min
Typ
Max Units
Comments
VRGOUT
Regulator Output Voltage
—
1.8
—
V
VBG
Internal Band Gap Reference
1.14
1.2
1.26
V
CEFC
External Filter Capacitor Value
4.7
10
—
F
Series resistance < 3 Ohm
recommended; < 5 Ohm
required.
TVREG
—10
—
sVREGS = 1 with any POR or BOR
TBG
Band Gap Reference Start-up
Time
—1
—
ms
VLVR
Low-Voltage Regulator Output
Voltage
—
1.2
—
V
RETEN = 1, LPCFG = 0
TABLE 32-12: VBAT OPERATING VOLTAGE SPECIFICATIONS
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
VBT
Operating Voltage
1.8
—
3.6
V
Battery connected to the VBAT pin
VBTADC
VBAT A/D Monitoring
Voltage Specification(1)
1.6
—
3.6
V
A/D monitoring the VBAT pin using
the internal A/D channel
Note 1:
Measuring the A/D value, using the A/D, is represented by the equation:
Measured Voltage = ((VBAT/2)/VDD) * 1024) for 10-bit A/D and
Measured Voltage = ((VBAT/2)VDD) * 4096) for 12-bit A/D.
TABLE 32-13: CTMU CURRENT SOURCE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2V to 3.6V (unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for Industrial
Param
No.
Sym
Characteristic
Min
Typ(1) Max
Units
Comments
Conditions
IOUT1 CTMU Current
Source, Base Range
—
550
—
nA
CTMUICON<1:0> = 00
2.5V < VDD < VDDMAX
IOUT2 CTMU Current
Source, 10x Range
—5.5
—
A
CTMUICON<1:0> = 01
IOUT3 CTMU Current
Source, 100x Range
—55
—
A
CTMUICON<1:0> = 10
IOUT4 CTMU Current
Source, 1000x Range
—
550
—
A
CTMUICON<1:0> = 11(2)
V
Voltage Change per
Degree Celsius
—3
—
mV/°C
Note 1:
Nominal value at center point of current trim range (CTMUICON<7:2> = 000000).
2:
Do not use this current range with temperature sensing diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com