Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 371 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 371 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 367Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 368Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 369Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 370Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 371Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 372Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 373Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 374Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 375Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 371
PIC24FJ128GA310 FAMILY
TABLE 32-20: PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.2V TO 3.6V)
AC CHARACTERISTICS
Standard Operating Conditions: 2V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
OS50 FPLLI
PLL Input Frequency
Range(2)
4
—
8
MHz
ECPLL mode
4
—
8MHz
HSPLL mode
4
—
8
MHz
XTPLL mode
OS52 TLOCK
PLL Start-up Time
(Lock Time)
——
128
s
OS53 DCLK
CLKO Stability (Jitter)
-0.25
—
0.25
%
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in the “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
TABLE 32-21: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 2V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA +85°C for Industrial
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
F20
FRC Accuracy @
8MHz(1,2)
-1
—
1
%
-10°C
 TA +85°C 2V  VDD 3.6V
-1.5
—
1.5
%
-40°C
 TA -10°C 2V  VDD 3.6V
F21
LPRC @ 31 kHz
-20
—
20
%
-40°C
 TA +85°C VCAP (on-chip regulator
output voltage) = 1.8V
Note 1:
Frequency is calibrated at 25°C and 3.3V. OSCTUN bits can be used to compensate for temperature drift.
2:
To achieve this accuracy, physical stress applied to the microcontroller package (ex., by flexing the PCB)
must be kept to a minimum.
TABLE 32-22: RC OSCILLATOR START-UP TIME
AC CHARACTERISTICS
Standard Operating Conditions: 2V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
TFRC
—15
—
s
TLPRC
—50
—
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com