Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 368 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 368 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 364Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 365Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 366Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 367Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 368Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 369Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 370Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 371Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 372Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 368
 2010-2011 Microchip Technology Inc.
TABLE 32-14: HIGH/LOW-VOLTAGE DETECT CHARACTERISTICS
TABLE 32-15: COMPARATOR DC SPECIFICATIONS
TABLE 32-16: COMPARATOR VOLTAGE REFERENCE DC SPECIFICATIONS
Operating Conditions:
-40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
DC18
VHLVD
HLVD Voltage on VDD
Transition
HLVDL<3:0> = 0100(1)
3.45
—
3.75
V
HLVDL<3:0> = 0101
3.30
—
3.6
V
HLVDL<3:0> = 0110
3.00
—
3.3
V
HLVDL<3:0> = 0111
2.80
—
3.1
V
HLVDL<3:0> = 1000
2.70
—
2.95
V
HLVDL<3:0> = 1001
2.50
—
2.75
V
HLVDL<3:0> = 1010
2.40
—
2.60
V
HLVDL<3:0> = 1011
2.30
—
2.5
V
HLVDL<3:0> = 1100
2.20
—
2.4
V
HLVDL<3:0> = 1101
2.10
—
2.3
V
HLVDL<3:0> = 1110
2.00
—
2.2
V
Note 1:
Trip points for values of HLVD<3:0>, from ‘0000’ to ‘0011’, are not implemented.
Operating Conditions:
2.0V < VDD < 3.6V, -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
D300
VIOFF
Input Offset Voltage*
—20
40
mV
D301
VICM
Input Common-Mode Voltage*
0—
VDD
V
D302
CMRR
Common-Mode Rejection
Ratio*
55
—
—
dB
* Parameters are characterized but not tested.
Operating Conditions:
2.0V < VDD < 3.6V, -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
VRD310 CVRES
Resolution
VDD/24
—
VDD/32
LSb
VRD311 CVRAA
Absolute Accuracy
—
—
AVDD – 1.5
LSb
VRD312 CVRUR
Unit Resistor Value (R)
—
2K
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com