Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 154Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 155Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 156Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 157Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 158Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 159Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 160Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 161Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 158
 2010-2011 Microchip Technology Inc.
10.4
Deep Sleep Mode
Deep Sleep mode provides the lowest levels of power
consumption available from the Instruction-Based
modes.
Deep Sleep modes have these features:
• The system clock source is shut down. If an
on-chip oscillator is used, it is turned off.
• The device current consumption will be reduced
to a minimum.
• The I/O pin directions and states are frozen.
• The Fail-Safe Clock Monitor does not operate
during Sleep mode since the system clock source
is disabled.
• The LPRC clock will continue to run in Deep
Sleep mode if the WDT or RTCC with LPRC as
clock source is enabled.
• The dedicated Deep Sleep WDT and BOR
systems, if enabled, are used.
• The RTCC and its clock source continue to run, if
enabled. All other peripherals are disabled.
Entry into Deep Sleep mode is completely under
software control. Exit from the Deep Sleep modes can
be triggered from any of the following events:
• POR event
•MCLR event
• RTCC alarm (If the RTCC is present)
• External Interrupt 0
• Deep Sleep Watchdog Timer (DSWDT) time-out
10.4.1
ENTERING DEEP SLEEP MODE
Deep Sleep mode is entered by setting the DSEN bit in
the DSCON register, and then executing a Sleep
command (PWRSAV #SLEEP_MODE) within one instruc-
tion cycle, to minimize the chance that Deep Sleep will
be spuriously entered.
If the PWRSAV command is not given within one
instruction cycle, the DSEN bit will be cleared by the
hardware and must be set again by the software before
entering Deep Sleep mode. The DSEN bit is also
automatically cleared when exiting Deep Sleep mode.
The sequence to enter Deep Sleep mode is:
1.
If the application requires the Deep Sleep WDT,
enable it and configure its clock source. For
more information on Deep Sleep WDT, see
Section 10.4.5 “Deep Sleep WDT”
.
2.
If the application requires Deep Sleep BOR,
enable it by programming the DSBOREN
Configuration bit (FDS<6>).
3.
If the application requires wake-up from Deep
Sleep on RTCC alarm, enable and configure the
RTCC module. For more information on RTCC,
see 22.0 “Real-Time Clock and Calendar
(RTCC)”
.
4.
If needed, save any critical application context
data by writing it to the DSGPR0 and DSGPR1
registers (optional).
5.
Enable Deep Sleep mode by setting the DSEN
bit (DSCON<15>).
6.
Enter Deep Sleep mode by issuing 3 NOP
commands, and then a PWRSAV #0 instruction.
Any time the DSEN bit is set, all bits in the DSWAKE
register will be automatically cleared.
EXAMPLE 10-2:
THE REPEAT SEQUENCE
Note:
To re-enter Deep Sleep after a Deep Sleep
wake-up, allow a delay of at least 3 TCY
after clearing the RELEASE bit.
Note:
A repeat sequence is required to set the
DSEN bit. The repeat sequence (repeating
the instruction twice) is required to write
into any of the Deep Sleep registers
(DSCON, DSWAKE, DSGPR0, DSGPR1).
This is required to avoid the user from
entering Deep Sleep by mistake. Any write
to these registers has to be done twice to
actually
complete
the
write
(see
Example 10-2).
Example 1:
mov #8000, w2
; enable DS
mov w2, DSCON
mov w2, DSCON
; second write required to
actually write to DSCON
Example 2:
bset
DSCON, #15
nop
nop
nop
bset
DSCON, #15 ; enable DS (two writes required)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com