Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 157Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 158Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 159Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 160Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 161Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 162Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 163Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 164Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 161
PIC24FJ128GA310 FAMILY
When the RTCC is enabled, it continues to operate with
the same clock source (SOSC or LPRC) that was
selected prior to entering VBAT mode. There is no pro-
vision to switch to a lower power clock source after the
mode switch.
Since the loss of VDD is usually an unforeseen event, it
is recommended that the contents of the Deep Sleep
Semaphore registers be loaded with the data to be
retained at an early point in code execution.
10.5.1
VBAT MODE WITH NO RTCC
By disabling RTCC operation during VBAT mode, power
consumption is reduced to the lowest of all
power-saving modes. In this mode, only the Deep
Sleep Semaphore registers are maintained.
10.5.2
WAKE-UP FROM VBAT MODES
When VDD is restored to a device in VBAT mode, it auto-
matically wakes. Wake-up occurs with a POR, after
which the device starts executing code from the Reset
vector. All SFRs, except the Deep Sleep Semaphores
and RTCC registers are reset to their POR values. If
the RTCC was not configured to run during VBAT mode,
it will remain disabled and RTCC will not run. Wake-up
timing is similar to that for a normal POR.
To differentiate a wake-up from VBAT mode from other
POR states, check the VBAT status bit (RCON2<0>). If
this bit is set while the device is starting to execute the
code from Reset vector, it indicates that there has been
an exit from VBAT mode. The application must clear the
VBAT bit to ensure that future VBAT wake-up events are
captured.
If a POR occurs without a power source connected to
the VBAT pin, the VBPOR bit (RCON2<1>) is set. If this
bit is set on a POR, it indicates that a battery needs to
be connected to the VBAT pin.
In addition, if the VBAT power source falls below the
level needed for Deep Sleep Semaphore operation
while in VBAT mode (e.g., the battery has been
drained), the VBPOR bit will be set. VBPOR is also set
when the microcontroller is powered up the very first
time, even if power is supplied to VBAT.
With VBPOR set, the user should clear it, and the next
time, this bit will only set when VDD = 0 and the VBAT
pin has gone below level (0.4V-0.6V).
10.5.3
I/O PINS DURING VBAT MODES
All I/O pins should be maintained at VSS level; no I/O
pins should be given VDD (refer to “Absolute Maximum
Ratings”
) during VBAT mode. The only exceptions are
the SOSCI and SOSCO pins, which maintain their states
if the secondary oscillator is being used as the RTCC
clock source. It is the user’s responsibility to restore the
I/O pins to their proper states, using the TRIS and LAT
bits, once VDD has been restored.
10.5.4
SAVING CONTEXT DATA WITH THE
DSGPRn REGISTERS
As with Deep Sleep mode, all SFRs are reset to their
POR values after VDD has been restored. Only the
Deep Sleep Semaphore registers are preserved. Appli-
cations which require critical data to be saved should
save it in DSGPR0 and DSGPR1.
The BOR should be enabled for the reliable operation
of the VBAT.
Note:
If the VBAT mode is not used, the
recommendation is to connect the VBAT
pin to VDD.
When the VBAT mode is used (connected
to the battery), as well as when it is not
used, it is always recommended to
connect a 0.1 µF capacitor from the VBAT
pin to ground. The capacitor should be
located very close to the VBAT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com