Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245ECS02AD Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8245ECS02AD
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245ECS02AD Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8245ECS02AD Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
21
Electrical and Thermal Characteristics
Table 10. Input AC Timing Specifications
Num
Characteristic
Min
Max
Unit
Notes
10a
PCI input signals valid to PCI_SYNC_IN (input setup)
3.0
—
ns
1, 3
10b
Memory input signals valid to sys_logic_clk (input setup)
10b0
Tap 0, register offset <0x77>, bits 5–4 = 0b00
2.6
—
ns
2, 3, 6
10b1
Tap 1, register offset <0x77>, bits 5–4 = 0b01
1.9
—
10b2
Tap 2, register offset <0x77>, bits 5–4 = 0b10 (default)
1.2
—
10b3
Tap 3, register offset <0x77>, bits 5–4 = 0b11
0.5
—
10c
PIC, misc. debug input signals valid to sys_logic_clk
(input setup)
3.0
—
ns
2, 3
10d
I2C input signals valid to sys_logic_clk (input setup)
3.0
—
ns
2, 3
10e
Mode select inputs valid to HRST_CPU/HRST_CTRL (input setup)
9
× tCLK
—
ns
2, 3–5
11
Tos—SDRAM_SYNC_IN to sys_logic_clk offset time
0.4
1.0
ns
7
11a
sys_logic_clk to memory signal inputs invalid (input hold)
11a0
Tap 0, register offset <0x77>, bits 5–4 = 0b00
0
—
ns
2, 3, 6
11a1
Tap 1, register offset <0x77>, bits 5–4 = 0b01
0.7
—
11a2
Tap 2, register offset <0x77>, bits 5–4 = 0b10 (default)
1.4
—
11a3
Tap 3, register offset <0x77>, bits 5–4 = 0b11
2.1
—
11b
HRST_CPU/HRST_CTRL to mode select inputs invalid (input hold)
0
—
ns
2, 3, 5
11c
PCI_SYNC_IN to Inputs invalid (input hold)
1.0
—
ns
1, 2, 3
Notes:
1. All PCI signals are measured from OVDD/2 of the rising edge of PCI_SYNC_IN to 0.4 × OVDD of the signal in question for
3.3-V PCI signaling levels. See Figure 12.
2. All memory and related interface input signal specifications are measured from the TTL level (0.8 or 2.0 V) of the signal in
question to the VM = 1.4 V of the rising edge of the memory bus clock, sys_logic_clk. sys_logic_clk is the same as
PCI_SYNC_IN in 1:1 mode but is twice the frequency in 2:1 mode (processor/memory bus clock rising edges occur on every
rising and falling edge of PCI_SYNC_IN). See Figure 11.
3. Input timings are measured at the pin.
4. tCLK is the time of one SDRAM_SYNC_IN clock cycle.
5. All mode select input signals specifications are measured from the TTL level (0.8 or 2.0 V) of the signal in question to the
VM = 1.4 V of the rising edge of the HRST_CPU/HRST_CTRL signal. See Figure 13.
6. The memory interface input setup and hold times are programmable to four possible combinations by programming bits 5–4
of register offset <0x77> to select the desired input setup and hold times.
7. Tos represents a timing adjustment for SDRAM_SYNC_IN with respect to sys_logic_clk. Due to the internal delay present
on the SDRAM_SYNC_IN signal with respect to the sys_logic_clk inputs to the DLL, the resulting SDRAM clocks become
offset by the delay amount. To maintain phase-alignment of the memory clocks with respect to sys_logic_clk, the feedback
trace length of SDRAM_SYNC_OUT to SDRAM_SYNC_IN must be shortened to accommodate this range. The feedback
trace length is relative to the SDRAM clock output trace lengths. We recommend that the length of SDRAM_SYNC_OUT to
SDRAM_SYNC_IN be shortened by 0.7 ns because that is the midpoint of the range of Tos and allows the impact from the
range of Tos to be reduced. Additional analyses of trace lengths and SDRAM loading must be performed to optimize timing.
For details on trace measurements and the problem of Tos, refer to the Freescale application note AN2164,
MPC8245/MPC8241 Memory Clock Design Guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com