Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245ECS02AD Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8245ECS02AD
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245ECS02AD Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8245ECS02AD Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
30
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 20 through Figure 23 show the different timing diagrams.
Figure 20. JTAG Clock Input Timing Diagram
Figure 21. JTAG TRST Timing Diagram
Figure 22. JTAG Boundary Scan Timing Diagram
11
TMS, TDI data hold time
15
—
ns
12
TCK to TDO data valid
0
15
ns
13
TCK to TDO high impedance
0
15
ns
Notes:
1. TRST is an asynchronous signal. The setup time is for test purposes only.
2. Nontest (other than TDI and TMS) signal input timing with respect to TCK.
3. Nontest (other than TDO) signal output timing with respect to TCK.
Table 15. JTAG AC Timing Specification (Independent of PCI_SYNC_IN) (continued)
Num
Characteristic
Min
Max
Unit
Notes
TCK
2
2
1
VM
VM
VM
3
3
VM = Midpoint Voltage
4
5
TRST
TCK
6
7
Input Data Valid
8
9
Output Data Valid
TCK
Data Inputs
Data Outputs
Data Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com