Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245ECS02AD Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8245ECS02AD
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245ECS02AD Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8245ECS02AD Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
33
Package Description
5.3
Pinout Listings
Table 16 provides the pinout listing for the MPC8245, 352 TBGA package.
Table 16. MPC8245 Pinout Listing
Name
Pin Numbers
Type
Power
Supply
Output
Driver Type
Notes
PCI Interface Signals
C/BE[3:0]
P25 K23 F23 A25
I/O
OVDD
DRV_PCI
6, 15
DEVSEL
H26
I/O
OVDD
DRV_PCI
8, 15
FRAME
J24
I/O
OVDD
DRV_PCI
8, 15
IRDY
K25
I/O
OVDD
DRV_PCI
8, 15
LOCK
J26
Input
OVDD
—8
AD[31:0]
V25 U25 U26 U24 U23 T25 T26
R25 R26 N26 N25 N23 M26 M25
L25 L26 F24 E26 E25 E23 D26
D25 C26 A26 B26 A24 B24 D19
B23 B22 D22 C22
I/O
OVDD
DRV_PCI
6, 15
PAR
G25
I/O
OVDD
DRV_PCI
15
GNT[3:0]
W25 W24 W23 V26
Output
OVDD
DRV_PCI
6, 15
GNT4/DA5
W26
Output
OVDD
DRV_PCI
7, 15, 14
REQ[3:0]
Y25 AA26 AA25 AB26
Input
OVDD
—6, 12
REQ4/DA4
Y26
I/O
OVDD
—
12, 14
PERR
G26
I/O
OVDD
DRV_PCI
8, 15, 18
SERR
F26
I/O
OVDD
DRV_PCI
8, 15, 16
STOP
H25
I/O
OVDD
DRV_PCI
8, 15
TRDY
K26
I/O
OVDD
DRV_PCI
8, 15
INTA
AC26
Output
OVDD
DRV_PCI
10, 15, 16
IDSEL
P26
Input
OVDD
—
Memory Interface Signals
MDL[0:31]
AD17 AE17 AE15 AF15 AC14
AE13 AF13 AF12 AF11 AF10 AF9
AD8 AF8 AF7 AF6 AE5 B1 A1 A3
A4 A5 A6 A7 D7 A8 B8 A10 D10
A12 B11 B12 A14
I/O
GVDD
DRV_STD_MEM
5, 6
MDH[0:31]
AC17 AF16 AE16 AE14 AF14
AC13 AE12 AE11 AE10 AE9 AE8
AC7 AE7 AE6 AF5 AC5 E4 A2 B3
D4 B4 B5 D6 C6 B7 C9 A9 B10
A11 A13 B13 A15
I/O
GVDD
DRV_STD_MEM
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com