Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245ECS02AD Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8245ECS02AD
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245ECS02AD Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8245ECS02AD Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8245ECS02AD Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
48
Freescale Semiconductor
System Design
reset sources, such as voltage monitors, watchdog timers, power supply failures, or push-button switches,
the COP reset signals must be merged into these signals with logic.
The arrangement shown in Figure 26 allows the COP port to independently assert HRESET or TRST,
while ensuring that the target can drive HRESET as well. If the JTAG interface and COP header will not
be used, TRST should be tied to HRESET through a 0-
Ω isolation resistor so that it is asserted when the
system reset signal (HRESET) is asserted, ensuring that the JTAG scan chain is initialized during
power-on. Although Freescale recommends that the COP header be designed into the system as shown in
Figure 26, if this is not possible, the isolation resistor will allow future access to TRST in the case where
a JTAG interface may need to be wired onto the system in debug situations.
The COP interface has a standard header for connection to the target system based on the 0.025"
square-post, 0.100" centered header assembly (often called a Berg header). Typically, pin 14 is removed
as a connector key.
There is no standardized way to number the COP header shown in Figure 26. Consequently, different
emulator vendors number the pins differently. Some pins are numbered top-to-bottom and left-to-right
while others use left-to-right then top-to-bottom and still others number the pins counter clockwise from
pin 1 (as with an IC). Regardless of the numbering, the signal placement recommended in Figure 26 is
common to all known emulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com