Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4CMPQTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP4CMPQTR
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMPQTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP4CMPQTR Datasheet HTML 3Page - STMicroelectronics STP4CMPQTR Datasheet HTML 4Page - STMicroelectronics STP4CMPQTR Datasheet HTML 5Page - STMicroelectronics STP4CMPQTR Datasheet HTML 6Page - STMicroelectronics STP4CMPQTR Datasheet HTML 7Page - STMicroelectronics STP4CMPQTR Datasheet HTML 8Page - STMicroelectronics STP4CMPQTR Datasheet HTML 9Page - STMicroelectronics STP4CMPQTR Datasheet HTML 10Page - STMicroelectronics STP4CMPQTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
STP4CMP
Maximum ratings
Doc ID 15770 Rev 2
7/22
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
ON1-4; VCC;
EN; CP_Sel;
C1P; C1N;
Supply voltage
- 0.3 to +6
V
VOUT
Output voltage
- 0.3 to +6
V
LED1-4; ISET1-4 Current setting
- 0.3 V to 2
V
ESD
Machine model
± 200
V
Human body model (MIL STD_883)
±1500
Charged device model
± 500
TAMB
Operating ambient temperature
- 30 to 85
°C
TJ
Maximum operating junction temperature
+ 150
°C
TSTG
Storage temperature
- 65 to 150
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
VCC
Supply voltage
2.7
-
5.5
V
Top
Operating temperature
-40
-
85
°C
ILED
Current through each LED
2.5
-
30
mA
Tpwm_ON
ON time of PWM signal at each ON
pin
33
-
µs
Tpwm_OFF
OFF time of PWM signal at each ON
pin
33
-
µs
Vfw
LED forward voltage
-
3.8
V
Table 6.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
(1)
1.
This parameter corresponds to the PCB board, 4-layers with 1inch² of cooling area.
Junction to ambient thermal resistance
70
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com