Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4CMPQTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP4CMPQTR
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMPQTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP4CMPQTR Datasheet HTML 4Page - STMicroelectronics STP4CMPQTR Datasheet HTML 5Page - STMicroelectronics STP4CMPQTR Datasheet HTML 6Page - STMicroelectronics STP4CMPQTR Datasheet HTML 7Page - STMicroelectronics STP4CMPQTR Datasheet HTML 8Page - STMicroelectronics STP4CMPQTR Datasheet HTML 9Page - STMicroelectronics STP4CMPQTR Datasheet HTML 10Page - STMicroelectronics STP4CMPQTR Datasheet HTML 11Page - STMicroelectronics STP4CMPQTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STP4CMP
8/22
Doc ID 15770 Rev 2
4
Electrical characteristics
VCC=3.3V, VEN=VON1=VON2=VON3=VON4=VCC, VCP_SEL= VCC, RSET1= RSET2= RSET3=
RSET4= 649 Ω, C1 =1 µF, typical values are at TA=25°C, unless otherwise specified.
Table 7.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Supply voltage
2.7
5.5
V
Vcp_clamp
Charge pump clamp voltage
2.7 V
≤ VCC < 3.1 V;
VCP_sel = VCC; IOUT ≤ 40 mA
5
V
VCC > 3.1 V; VCP_sel = VCC;
IOUT ≤ 120 mA
5
Tcp_start
Charge pump startup time
From CP_sel low to high
transition to CP reaches
steady-state at 5 V
10
ms
ILED1,2,3,4
LED sink current for each
channel
Rsetx= 649 Ω at VLEDx=0.9 V;
VCC > 3.1 V
27.9
30
32.1
mA
Rsetx = 7.87 kΩ at
VLEDx = 0.9 V; VCC ≥ 3.1 V
2.33
2.5
2.68
mA
Δ ILED
Output current error
between each channel
Rset1=Rset2=Rset3=Rset
TA = 25 °C
±1
±4
%
VIH
High level input voltage
2.0
V
VIL
Low level input voltage
0.8
V
ICC
Supply operating current
VON1=VON2=VON3=VON4=G
ND; no load; VCC=5.5 V
(charge pump disabled);
VCP_SEL=GND,
Rset1=Rset2=Rset3=Rset4=
7.87 k
Ω
3.6
mA
VON1=VON2=VON3=VON4=G
ND; no load; VCC=5.5 V
(charge pump disabled);
VCP_SEL=GND,
Rset1=Rset2=Rset3=Rset4=
649
Ω
1.7
VON1=VON2=VON3=VON4=G
ND; no load; VCC=3.3 V
(charge pump disabled);
VCP_SEL=VCC, Rset1=Rset2=
7.87 k
Ω
4.5
VON1=VON2=VON3=VON4=G
ND; no load; VCC=3.3 V
(charge pump disabled);
VCP_SEL=VCC,
Rset1=Rset2=Rset3=Rset4=
649
Ω
17.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com