Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4CMPQTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STP4CMPQTR
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMPQTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STP4CMPQTR Datasheet HTML 12Page - STMicroelectronics STP4CMPQTR Datasheet HTML 13Page - STMicroelectronics STP4CMPQTR Datasheet HTML 14Page - STMicroelectronics STP4CMPQTR Datasheet HTML 15Page - STMicroelectronics STP4CMPQTR Datasheet HTML 16Page - STMicroelectronics STP4CMPQTR Datasheet HTML 17Page - STMicroelectronics STP4CMPQTR Datasheet HTML 18Page - STMicroelectronics STP4CMPQTR Datasheet HTML 19Page - STMicroelectronics STP4CMPQTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
PCB layout
STP4CMP
16/22
Doc ID 15770 Rev 2
7.3
Demonstration board schematic
Figure 13.
Demonstration board schematic
VCC
VCC
C1N
C1P
VOUT
LED1
LED2
LED3
LED4
VCC
10k
R3
10k
R4
10k
R5
10k
R6
10k
R1
1k
R7
1k
R8
1k
R9
1k
R10
10k
R2
VOUT
1
2
3
JP5
VCC
1
2
3
JP1
VCC
1
2
3
JP3
VCC
1
2
3
JP4
VCC
1
2
3
JP6
VCC
1
2
3
JP2
1µF
C4
1µF
C1
10µF
C2
VCC
100n
C3
1
2
P2
1
2
P3
1
2
P4
1
2
P5
1
2
P9
1
2
P8
1
2
P10
1
2
P7
1
2
P6
VCC
CP_SEL
ISET1
ISET2
ISET3
ISET4
ON1
ON2
ON3
ON4
EN
1
2
LED4
LED3
LED2
LED1
C1N
19
C1P
18
VOUT
17
VCC
16
LED1
15
LED2
14
LED3
13
LED4
12
ISET4
9
ISET3
8
ISET2
7
ISET1
6
EN
5
ON4
4
ON3
3
ON2
2
GND
CP_SEL
U1
STP4CMP
1
2
P1
Pulldown resistors R1-R6 to guarantee correct
function when no jumper is placed.
For efficiency measurements, pulldowns should be
removed to measure correct DUT input current,
otherwise pulldown resistors current would affect
the result.
Pulldown resistors R7-R10 are set resistors for
each channel. Needed to be changed for different
output current setup.
P6 - P10 header are used to load outputs when no
LED is populated.
1
2
1
2
1
2
AM10407v 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com