Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4CMPQTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STP4CMPQTR
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMPQTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STP4CMPQTR Datasheet HTML 14Page - STMicroelectronics STP4CMPQTR Datasheet HTML 15Page - STMicroelectronics STP4CMPQTR Datasheet HTML 16Page - STMicroelectronics STP4CMPQTR Datasheet HTML 17Page - STMicroelectronics STP4CMPQTR Datasheet HTML 18Page - STMicroelectronics STP4CMPQTR Datasheet HTML 19Page - STMicroelectronics STP4CMPQTR Datasheet HTML 20Page - STMicroelectronics STP4CMPQTR Datasheet HTML 21Page - STMicroelectronics STP4CMPQTR Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package mechanical data
STP4CMP
18/22
Doc ID 15770 Rev 2
Figure 15.
Footprint recommendations for QFN20 (1.8 x 3.2 x 0.5 mm) - pitch 0.4 mm
1.
Drawing not to scale.
2.
Dimensions are in millimeters.
Table 8.
Mechanical data for QFN20 (1.8 x 3.2 x 0.5 mm) - pitch 0.4 mm
Symbol
Millimeters
Min.
Typ.
Max.
A
0.45
0.50
0.55
A1
0
0.02
0.05
A3
0.127
b
0.15
0.20
0.25
D
3.15
3.20
3.25
E
1.75
1.80
1.85
e
0.40
L
0.35
0.40
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com