Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 283 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 283 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 279Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 280Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 281Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 282Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 283Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 284Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 285Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 286Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 281
PIC18F2585/2680/4585/4680
REGISTER 23-4:
COMSTAT: COMMUNICATION STATUS REGISTER
Mode 0
R/C-0
R/C-0
R-0
R-0
R-0
R-0
R-0
R-0
RXB0OVFL RXB1OVFL
TXBO
TXBP
RXBP
TXWARN RXWARN
EWARN
Mode 1
R/C-0
R/C-0
R-0
R-0
R-0
R-0
R-0
R-0
—
RXBnOVFL
TXB0
TXBP
RXBP
TXWARN RXWARN
EWARN
Mode 2
R/C-0
R/C-0
R-0
R-0
R-0
R-0
R-0
R-0
FIFOEMPTY RXBnOVFL
TXBO
TXBP
RXBP
TXWARN RXWARN
EWARN
bit 7
bit 0
bit 7
Mode 0:
RXB0OVFL: Receive Buffer 0 Overflow bit
1
= Receive Buffer 0 overflowed
0
= Receive Buffer 0 has not overflowed
Mode 1:
Unimplemented: Read as ‘0’
Mode 2:
FIFOEMPTY: FIFO Not Empty bit
1
= Receive FIFO is not empty
0
= Receive FIFO is empty
bit 6
Mode 0:
RXB1OVFL: Receive Buffer 1 Overflow bit
1
= Receive Buffer 1 overflowed
0
= Receive Buffer 1 has not overflowed
Mode 1, 2:
RXBnOVFL: Receive Buffer n Overflow bit
1
= Receive Buffer n has overflowed
0
= Receive Buffer n has not overflowed
bit 5
TXBO: Transmitter Bus-Off bit
1
= Transmit error counter > 255
0
= Transmit error counter
≤ 255
bit 4
TXBP: Transmitter Bus Passive bit
1
= Transmit error counter > 127
0
= Transmit error counter
≤ 127
bit 3
RXBP: Receiver Bus Passive bit
1
= Receive error counter > 127
0
= Receive error counter
≤ 127
bit 2
TXWARN: Transmitter Warning bit
1
= Transmit error counter > 95
0
= Transmit error counter
≤ 95
bit 1
RXWARN: Receiver Warning bit
1
= 127
≥ Receive error counter > 95
0
= Receive error counter
≤ 95
bit 0
EWARN: Error Warning bit
This bit is a flag of the RXWARN and TXWARN bits.
1
= The RXWARN or the TXWARN bits are set
0
= Neither the RXWARN or the TXWARN bits are set
Legend:
C = Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com