Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 284 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 284 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 280Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 281Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 282Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 283Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 284Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 285Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 286Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 287Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 282
Preliminary
© 2007 Microchip Technology Inc.
23.2.2
DEDICATED CAN TRANSMIT
BUFFER REGISTERS
This section describes the dedicated CAN Transmit
Buffer registers and their associated control registers.
REGISTER 23-5:
TXBnCON: TRANSMIT BUFFER n CONTROL REGISTERS [0
≤ n ≤ 2]
Mode 0
R/C-0
R-0
R-0
R-0
R/W-0
U-0
R/W-0
R/W-0
TXBIF
TXABT(1)
TXLARB(1)
TXERR(1)
TXREQ(2)
—
TXPRI1(3)
TXPRI0(3)
Mode 1, 2
R/C-0
R-0
R-0
R-0
R/W-0
U-0
R/W-0
R/W-0
TXBIF
TXABT(1)
TXLARB(1)
TXERR(1)
TXREQ(2)
—
TXPRI1(3)
TXPRI0(3)
bit 7
bit 0
bit 7
TXBIF: Transmit Buffer Interrupt Flag bit
1
= Transmit buffer has completed transmission of message and may be reloaded
0
= Transmit buffer has not completed transmission of a message
bit 6
TXABT: Transmission Aborted Status bit(1)
1
= Message was aborted
0
= Message was not aborted
bit 5
TXLARB: Transmission Lost Arbitration Status bit(1)
1
= Message lost arbitration while being sent
0
= Message did not lose arbitration while being sent
bit 4
TXERR: Transmission Error Detected Status bit(1)
1
= A bus error occurred while the message was being sent
0
= A bus error did not occur while the message was being sent
bit 3
TXREQ: Transmit Request Status bit(2)
1
= Requests sending a message. Clears the TXABT, TXLARB and TXERR bits.
0
= Automatically cleared when the message is successfully sent
bit 2
Unimplemented: Read as ‘0’
bit 1-0
TXPRI1:TXPRI0: Transmit Priority bits(3)
11
= Priority Level 3 (highest priority)
10
= Priority Level 2
01
= Priority Level 1
00
= Priority Level 0 (lowest priority)
Note 1: This bit is automatically cleared when TXREQ is set.
2: While TXREQ is set, Transmit Buffer registers remain read-only. Clearing this bit in
software while the bit is set will request a message abort.
3: These bits define the order in which transmit buffers will be transferred. They do not alter
the CAN message identifier.
Legend:
C = Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com