Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 313 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 313 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 309Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 310Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 311Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 312Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 313Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 314Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 315Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 316Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 311
PIC18F2585/2680/4585/4680
23.2.4
CAN BAUD RATE REGISTERS
This section describes the CAN Baud Rate registers.
REGISTER 23-52: BRGCON1: BAUD RATE CONTROL REGISTER 1
Note:
These
registers
are
writable
in
Configuration mode only.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
bit 7
bit 0
bit 7-6
SJW1:SJW0: Synchronized Jump Width bits
11
= Synchronization jump width time = 4 x TQ
10
= Synchronization jump width time = 3 x TQ
01
= Synchronization jump width time = 2 x TQ
00
= Synchronization jump width time = 1 x TQ
bit 5-0
BRP5:BRP0: Baud Rate Prescaler bits
111111
= TQ = (2 x 64)/FOSC
111110
= TQ = (2 x 63)/FOSC
:
:
000001
= TQ = (2 x 2)/FOSC
000000
= TQ = (2 x 1)/FOSC
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com