Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 315 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 315 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 311Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 312Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 313Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 314Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 315Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 316Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 317Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 318Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 313
PIC18F2585/2680/4585/4680
REGISTER 23-54: BRGCON3: BAUD RATE CONTROL REGISTER 3
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
WAKDIS
WAKFIL
—
—
—
SEG2PH2(1) SEG2PH1(1) SEG2PH0(1)
bit 7
bit 0
bit 7
WAKDIS: Wake-up Disable bit
1
= Disable CAN bus activity wake-up feature
0
= Enable CAN bus activity wake-up feature
bit 6
WAKFIL: Selects CAN bus Line Filter for Wake-up bit
1
= Use CAN bus line filter for wake-up
0
= CAN bus line filter is not used for wake-up
bit 5-3
Unimplemented: Read as ‘0’
bit 2-0
SEG2PH2:SEG2PH0: Phase Segment 2 Time Select bits(1)
111
= Phase Segment 2 time = 8 x TQ
110
= Phase Segment 2 time = 7 x TQ
101
= Phase Segment 2 time = 6 x TQ
100
= Phase Segment 2 time = 5 x TQ
011
= Phase Segment 2 time = 4 x TQ
010
= Phase Segment 2 time = 3 x TQ
001
= Phase Segment 2 time = 2 x TQ
000
= Phase Segment 2 time = 1 x TQ
Note 1: Ignored if SEG2PHTS bit (BRGCON2<7>) is ‘0’.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com