Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 163Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 164Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 165Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 166Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 167Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 168Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 169Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 170Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 165
PIC18F2585/2680/4585/4680
15.2
Capture Mode
In Capture mode, the ECCPR1H:ECCPR1L register
pair captures the 16-bit value of the TMR1 or TMR3
registers when an event occurs on the CCP1 pin (RB3
or RC1, depending on device configuration). An event
is defined as one of the following:
• every falling edge
• every rising edge
• every 4th rising edge
• every 16th rising edge
The event is selected by the mode select bits,
CCP1M3:CCP1M0
(CCP1CON<3:0>).
When
a
capture is made, the interrupt request flag bit, CCP1IF
(PIR2<1>), is set; it must be cleared in software. If
another capture occurs before the value in register
CCPR1 is read, the old captured value is overwritten by
the new captured value.
15.2.1
CCP1 PIN CONFIGURATION
In Capture mode, the appropriate CCP1 pin should be
configured as an input by setting the corresponding
TRIS direction bit.
15.2.2
TIMER1/TIMER3 MODE SELECTION
The timers that are to be used with the capture feature
(Timer1 and/or Timer3) must be running in Timer mode
or Synchronized Counter mode. In Asynchronous
Counter mode, the capture operation may not work.
The timer to be used with each CCP1 module is
selected in the T3CON register (see Section 15.1.1
“CCP1 Modules and Timer Resources”).
15.2.3
SOFTWARE INTERRUPT
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep the
CCP1IE or ECCP1IE interrupt enable bit clear to avoid
false interrupts. The interrupt flag bit, CCP1IF or
ECCP1IF, should also be cleared following any such
change in operating mode.
15.2.4
CCP1 PRESCALER
There are four prescaler settings in Capture mode; they
are specified as part of the operating mode selected by
the mode select bits (CCP1M3:CCP1M0). Whenever
the CCP1 module is turned off or the CCP1 module is
not in Capture mode, the prescaler counter is cleared.
This means that any Reset will clear the prescaler
counter.
Switching from one capture prescaler to another may
generate an interrupt. Also, the prescaler counter will
not be cleared; therefore, the first capture may be from
a
non-zero
prescaler.
Example 15-1
shows
the
recommended method for switching between capture
prescalers. This example also clears the prescaler
counter and will not generate the “false” interrupt.
15.2.5
CAN MESSAGE TIME-STAMP
The CAN capture event occurs when a message is
received in any of the receive buffers. When config-
ured, the CAN module provides the trigger to the CCP1
module to cause a capture event. This feature is
provided to “time-stamp” the received CAN messages.
This feature is enabled by setting the CANCAP bit of
the CAN I/O Control register (CIOCON<4>). The
message receive signal from the CAN module then
takes the place of the events on RC2/CCP1.
If this feature is selected, then four different capture
options for CCP1M<3:0> are available:
• 0100 – every time a CAN message is received
• 0101 – every time a CAN message is received
• 0110 – every 4th time a CAN message is
received
• 0111 – Capture mode, every 16th time a CAN
message is received
EXAMPLE 15-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
Note:
If RC2/CCP1 or RD4/PSP4/ECCP1/P1A
is configured as an output, a write to the
port can cause a capture condition.
CLRF
CCP1CON
; Turn CCP1 module off
MOVLW
NEW_CAPT_PS ; Load WREG with the
; new prescaler mode
; value and CCP1 ON
MOVWF
CCP1CON
; Load CCP1CON with
; this value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com