Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 170 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 170 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 166Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 167Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 168Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 169Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 170Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 171Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 172Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 173Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 168
Preliminary
© 2007 Microchip Technology Inc.
TABLE 15-3:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, TIMER1 AND TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
RCON
IPEN
SBOREN(3)
—
RI
TO
PD
POR
BOR
50
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
52
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
52
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
52
IPR2
OSCFIP
CMIP(2)
—
EEIP
BCLIP
HLVDIP
TMR3IP
ECCP1IP(2)
51
PIR2
OSCFIF
CMIF(2)
—
EEIF
BCLIF
HLVDIF
TMR3IF
ECCP1IF(2)
52
PIE2
OSCFIE
CMIE(2)
—
EEIE
BCLIE
HLVDIE
TMR3IE
ECCP1IE(2)
51
TRISB
PORTB Data Direction Register
52
TRISC
PORTC Data Direction Register
52
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
50
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
50
T1CON
RD16
T1RUN
T1CKPS1 T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON
50
TMR3H
Timer3 Register High Byte
51
TMR3L
Timer3 Register Low Byte
51
T3CON
RD16
T3ECCP1(1) T3CKPS1 T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
51
CCPR1L
Capture/Compare/PWM Register 1 (LSB)
51
CCPR1H
Capture/Compare/PWM Register 1 (MSB)
51
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
51
ECCPR1L(1)
Enhanced Capture/Compare/PWM Register 1 (LSB)
51
ECCPR1H(1)
Enhanced Capture/Compare/PWM Register 1 (MSB)
51
ECCP1CON(1) EPWM1M1 EPWM1M0
EDC1B1
EDC1B0 ECCP1M3 ECCP1M2 ECCP1M1
ECCP1M0
51
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by Capture and Compare, Timer1 or Timer3.
Note 1:
These bits or registers are available on PIC18F4X8X devices only.
2:
These bits are available on PIC18F4X8X devices and reserved on PIC18F2X8X devices.
3:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com