Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5644AF0MLU1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SPC5644AF0MLU1 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
5
Micro Second Channel (MSC) bus
downlink
Yes
DSPI_A
No
DSPI_B
Yes (with LVDS)
DSPI_C
Yes (with LVDS)
DSPI_D
Yes
No
Yes
FlexRay
Yes
No
Yes
System timers
5 PIT channels
4 STM channels
1 Software Watchdog
eMIOS
24 ch.
16 ch.
24 ch.
eTPU
32 ch. eTPU2
Code memory
14 KB
Data memory
3 KB
Interrupt controller
486 ch.1
307 ch.
486 ch.1
ADC
40 ch.
34 ch.
40 ch.
ADC_A
Yes
ADC_B
Yes
Temp sensor
Yes
Variable gain amp.
Yes
Decimation filter
2
1
2
Sensor diagnostics
Yes
CRC
Yes
No
Yes
FMPLL
Yes
VRC
Yes
Supplies
5 V, 3.3 V2
5V, 3.3V3
5V, 3.3V2
Low-power modes
Stop Mode
Slow Mode
Packages
176 LQFP4
208 MAPBGA4,5
324 TEPBGA3246
496-pin CSP7
144 LQFP
176 LQFP
208 MAPBGA
496-pin CSP7
176 LQFP4
208 MAPBGA4,5
324 TEPBGA3246
496-pin CSP7
1 199 interrupt vectors are reserved.
2
5 V single supply only for 176 LQFP.
3 5 V single supply only for 144 LQFP.
4 Pinout compatible with Freescale’s MPC5634M devices.
5 Pinout compatible with Freescale’s MPC5534.
6 Ballmap upwardly compatible with the standardized package ballmap used for various Freescale MPC5xxx family members, including
MPC5554, MPC5567 and MPC5666.
7 For Freescale VertiCal Calibration System only.
Table 1. MPC5644A, MPC5634M and MPC5642A comparison (continued)
Feature
MPC5644A
MPC5634M
MPC5642A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com