Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5644AF0MLU1 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
92
GAINVGA21
CC
–
Variable gain amplifier accuracy (gain=2)2
CC
D
INL
8 MHz
ADC
–5
5
Counts
CC
D
16 MHz
ADC
–8
8
Counts
CC
D
DNL
8 MHz
ADC
–3
3
Counts
CC
D
16 MHz
ADC
–3
3
Counts
GAINVGA41
CC
–
Variable gain amplifier accuracy (gain=4)2
CC
D
INL
8 MHz
ADC
–7
7
Counts
CC
D
16 MHz
ADC
–8
8
Counts
CC
D
DNL
8 MHz
ADC
–4
4
Counts
CC
D
16 MHz
ADC
–4
4
Counts
DIFFmax
CC
C
Maximum
differential voltage
(DANx+ - DANx-) or
(DANx- - DANx+)5
PREGAIN
set to 1X
setting
—
(VRH - VRL)/2
V
DIFFmax2
CC
C
PREGAIN
set to 2X
setting
—
(VRH - VRL)/4
V
DIFFmax4
CC
C
PREGAIN
set to 4X
setting
—
(VRH - VRL)/8
V
DIFFcmv
CC
C
Differential input
Common mode
voltage (DANx- +
DANx+)/25
—(VRH + VRL)/2 - 5% (VRH + VRL)/2 + 5%
V
1 Applies only to differential channels.
2 Variable gain is controlled by setting the PRE_GAIN bits in the ADC_ACR1-8 registers to select a gain factor of 1, 2, or 4.
Settings are for differential input only. Tested at
1 gain. Values for other settings are guaranteed by as indicated.
3 At VRH – VRL = 5.12 V, one LSB = 1.25 mV.
4 Guaranteed 10-bit mono tonicity.
5 Voltages between VRL and VRH will not cause damage to the pins. However, they may not be converted accurately if the
differential voltage is above the maximum differential voltage. In addition, conversion errors may occur if the common mode
voltage of the differential signal violates the Differential Input common mode voltage specification.
Table 30. eQADC differential ended conversion specifications (operating) (continued)
Symbol
C
Parameter
Value
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com