Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5644AF0MLU1 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
73
Table 15. PMC Electrical Characteristics
ID
Name
Parameter
Min
Typ
Max
Unit
Notes
1
VBG
CC C Nominal bandgap voltage
reference
—
1.219
—
V
1a
—
CC P Untrimmed bandgap
reference voltage
VBG - 7%
VBG
Vbg + 6%
V
1b
—
CC P Trimmed bandgap
reference voltage (5 V,
27 °C)
VBG
-10mV
VBG
VBG +
10mV
V
1c
—
CC C Bandgap reference
temperature variation
—
100
—
ppm
/°C
1d
—
CC C Bandgap reference supply
voltage variation
—
3000
—
ppm
/V
2
Vdd
CC C Nominal VDD core supply
internal regulator target DC
output voltage1
—1.28
—
V
2a
—
CC P Nominal VDD core supply
internal regulator target DC
output voltage variation at
power-on reset
Vdd - 6%
Vdd
Vdd + 10%
V
2b
—
CC P Nominal VDD core supply
internal regulator target DC
output voltage variation
after power-on reset
Vdd - 10%2
Vdd
Vdd + 3%
V
2c
—
CC C Trimming step Vdd
—
20
—
mV
2d
Ivrcctl
CC C Voltage regulator controller
for core supply maximum
DC output current
20
—
—
mA
3
Lvi1p2
CC C Nominal LVI for rising core
supply3
—
1.160
—
V
3a
—
CC C Variation of LVI for rising
core supply at power-on
reset
1.120
1.200
1.280
V
See note 4
3b
—
CC C Variation of LVI for rising
core supply after power-on
reset
Lvi1p2 -
3%
Lvi1p2
Lvi1p2 +
3%
V
See note 4
3c
—
CC C Trimming step LVI core
supply
—20
—
mV
3d
Lvi1p2_h
CC C LVI core supply hysteresis
—
40
—
mV
4
Por1.2V_r CC C POR 1.2 V rising
—
0.709
—
V
4a
—
CC C POR 1.2 V rising variation
Por1.2V_r -
35%
Por1.2V_r Por1.2V_r
+ 35%
V
4b
Por1.2V_f CC C POR 1.2 V falling
—
0.638
—
V
4c
—
CC C POR 1.2 V falling variation Por1.2V_f -
35%
Por1.2V_f Por1.2V_f+
35%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com