Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5644AF0MLU1 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MLU1 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MLU1 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 54Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5644AF0MLU1 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 138 page
background image
VDDEH7
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH7
—
D12
B22, C21,
D15, D20,
E19, F19,
H19, J14
VDDEH7A
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH7A
125
—
—
VDDEH7B
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH7B
138
—
—
VSS
Ground
—
—
I
—
I / —
VSS
15,
29,
43,
57,
72,
90,
94,
96,
108,
115,
127,
133,
140
A1, A16,
B2, B15,
C3,C14,
D4, D13,
G7, G8,
G9,
G10,
H7, H8,
H9, H10,
J7, J8,
J9, J10,
K7,
K8, K9,
K10,
M16,
N4,N13,
P3, P14,
R2,R15,
T1, T16
A1, A22, B2,
B21, C3, C20,
D4, D17, D19,
F21, H21, J9,
J10, J11, J12,
J13, K9, K10,
K11, K12,
K13, K14, L9,
L10, L11, L12,
L13, L14, L21,
M11, M12,
M13, M14,
N9, N10, N12,
N13, N14,
N21, P9, P10,
P12, P13,
P14, T19,
T21, T22, W4,
Y3, Y20,
AA21, AB1,
AB22
1 For each pin in the table, each line in the Function column is a separate function of the pin. For all I/O pins the selection of primary pin function or
secondary function or GPIO is done in the SIU except where explicitly noted. See the Signal details table for a description of each signal.
2 The P/A/G column indicates the position a signal occupies in the muxing order for a pin—Primary, Alternate 1, Alternate 2, Alternate 3, or GPIO.
Signals are selected by setting the PA field value in the appropriate PCR register in the SIU module. The PA field values are as follows: P - 0b0001,
A1 - 0b0010, A2 - 0b0100, A3 - 0b1000, or G - 0b0000. Depending on the register, the PA field size can vary in length. For PA fields having fewer
than four bits, remove the appropriate number of leading zeroes from these values.
3 The Pad Configuration Register (PCR) PA field is used by software to select pin function.
4 Values in the PCR No. column refer to registers in the System Integration Unit (SIU). The actual register name is “SIU_PCR” suffixed by the PCR
number. For example, PCR[190] refers to the SIU register named SIU_PCR190.
Table 3. MPC5644A signal properties (continued)
Name
Function1
P
A
G2
PCR
PA
Field3
PCR4
I/O
Type
Voltage5 /
Pad Type6
Status7
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com