Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API8108A Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # API8108A
Description  VERSATILE 10 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API8108A Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button API8108A Datasheet HTML 2Page - Aplus Intergrated Circuits API8108A Datasheet HTML 3Page - Aplus Intergrated Circuits API8108A Datasheet HTML 4Page - Aplus Intergrated Circuits API8108A Datasheet HTML 5Page - Aplus Intergrated Circuits API8108A Datasheet HTML 6Page - Aplus Intergrated Circuits API8108A Datasheet HTML 7Page - Aplus Intergrated Circuits API8108A Datasheet HTML 8Page - Aplus Intergrated Circuits API8108A Datasheet HTML 9Page - Aplus Intergrated Circuits API8108A Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
APLUS
API8108A
tables on page 6.
OSC
refer to the Sampling Frequency vs. R
,
OSC
To determine the value of R
4.
SP = 8 Ohm speaker.
3.
R = 330 Ohm (if using transistor 8050 and Vcc = 4.5V).
2.
F).
m
To direct dirve a speaker or buzzer, C is needed (C = 0.1
1.
Notes:
OUT3
OUT
C
OSC
R
OSC
IRP
SBT
GND
Vcc
OSC
R
SP
OUT
C
OSC
IRP
R
SBT
GND
Vcc
SPEAKER
32/64 OHM
BUZZER OR
PIEZO
OUT1
V
OSC
R
OUT2
V
C
OSC
R
IRP
SBT
TG4
TG3
TG2
TG1
GND
Vcc
OSC
R
SP
OUT
C
OSC
IRP
SBT
TG4
TG3
TG2
TG1
GND
Vcc
CASCADE APPLICATION
TYPICAL APPLICATION
APPLICATION CIRCUITS
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com