Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API8108A Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # API8108A
Description  VERSATILE 10 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API8108A Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  API8108A Datasheet HTML 1Page - Aplus Intergrated Circuits API8108A Datasheet HTML 2Page - Aplus Intergrated Circuits API8108A Datasheet HTML 3Page - Aplus Intergrated Circuits API8108A Datasheet HTML 4Page - Aplus Intergrated Circuits API8108A Datasheet HTML 5Page - Aplus Intergrated Circuits API8108A Datasheet HTML 6Page - Aplus Intergrated Circuits API8108A Datasheet HTML 7Page - Aplus Intergrated Circuits API8108A Datasheet HTML 8Page - Aplus Intergrated Circuits API8108A Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PIN DESCRIPTION
OUT1
Programmable output 1
OUT2
Programmable output 2
OUT3
Programmable output 3
VOUT1
PWM audio signal output for buzzer and speaker
VOUT2
PWM audio signal output for buzzer and speaker
GND
Power ground
COUT
Current output from internal DAC for speaker playback
OSC
Oscillator resistor pin to control sampling frequency
V PP
Program power supply, no connect when voice playback
TG1
Trigger switch 1, internal pull low, active high
TG2
Trigger switch 2, internal pull low, active high
VCC
Positive power supply
TG3
Trigger switch 3, internal pull low, active high
TG4
Trigger switch 4, internal pull low, active high
SBT
Sequential trigger, internal pull low, active high
IRP
Interrupt to stop playback, internal pull low, active high
Note:
1. The following pins are used to program data into the memory: pins 4, 5, 6,
8, 9, 12, 15 and 16.
BONDING PARAMETERS
Pin
Name
X
Y
1
OUT1
204
-678
2VOUT1
423
-678
3VOUT2
718
-678
4
GND
893
-678
5
OUT2
786
677
6
OUT3
590
677
7COUT
167
677
8
OSC
-89
677
9VPP
-306
677
10
TG1
-483
677
11
TG2
-691
677
12
VCC
-899
677
13
TG3
-796
-678
14
TG4
-588
-678
15
SBT
-380
-678
16
IRP
-172
-678
BONDING DIAGRAM
Note: Programming requires connection to
pins 4, 5, 6, 8, 9, 12, 15, and 16.
PIN CONFIGURATIONS
300-mil PDIP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT1
VOUT1
VOUT2
GND
OUT2
OUT3
COUT
OSC
IRP
SBT
TG4
TG3
VCC
TG2
TG1
VPP
12
11
10
9
8
7
6
5
13
14
15
16
2
4
13
NC
NC
(0,0)
X
Y
Note: Substrate must be connected to GND
Pad size = 80
mm x 80 mm
Die size = 2128
mm x 16 35 mm
83.78mil x 64.37 mil
APLUS
API8108A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com