Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API8108A Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # API8108A
Description  VERSATILE 10 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API8108A Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  API8108A Datasheet HTML 1Page - Aplus Intergrated Circuits API8108A Datasheet HTML 2Page - Aplus Intergrated Circuits API8108A Datasheet HTML 3Page - Aplus Intergrated Circuits API8108A Datasheet HTML 4Page - Aplus Intergrated Circuits API8108A Datasheet HTML 5Page - Aplus Intergrated Circuits API8108A Datasheet HTML 6Page - Aplus Intergrated Circuits API8108A Datasheet HTML 7Page - Aplus Intergrated Circuits API8108A Datasheet HTML 8Page - Aplus Intergrated Circuits API8108A Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC - GND
Terminal Voltage with Respect to GND
-0.5 to +7.0
V
VIN
GND -0.3 < V IN < VCC + 0.3
V
VOUT
GND < VOUT < VCC
V
TA
Operating Temperature
-10 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
DC CHARACTERISTICS
Symbol Parameter Description
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
3.0
4.5
6.0
V
ISB
Standby Current
Vcc = 3.0V, I/O Open
-
1
5
uA
IOP
Operating Current
Vcc = 3.0V, I/O Open
-
-
100
uA
VIH
Input HIGH Voltage
Vcc = 3.0V
2.5
3.0
3.5
V
VIL
Input LOW Voltage
Vcc = 2.0V
- 0.3
0
0.3
V
IOH
VOUT HIGH Operating Current
Vcc = 3.0V, VOUT = 3.0V
-
-12
-
mA
IOL
VOUT LOW Operating Current
Vcc = 3.0V, VOUT = 0V
-
12
-
mA
ICO
COUT Operating Current
Vcc = 3.0V, VCOUT = 0.7V
-
- 2
-
mA
ISTPH
STP HIGH Operating Current
Vcc = 3.0V, VSTP = 3.0V
-
- 5
-
mA
ISTPL
STP LOW Operating Current
Vcc = 3.0V, VSTP = 0V
-
5
-
mA
ILED
LED Output Current
Vcc = 2.2V - 6.0V
6
8
10
mA
DF/F
Frequency Stability
(FOSC [3V] - F OSC [3.5V]) / FOSC (3.0V) -
-
5
%
APLUS
API8108A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com