Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API8108A Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # API8108A
Description  VERSATILE 10 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API8108A Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  API8108A Datasheet HTML 1Page - Aplus Intergrated Circuits API8108A Datasheet HTML 2Page - Aplus Intergrated Circuits API8108A Datasheet HTML 3Page - Aplus Intergrated Circuits API8108A Datasheet HTML 4Page - Aplus Intergrated Circuits API8108A Datasheet HTML 5Page - Aplus Intergrated Circuits API8108A Datasheet HTML 6Page - Aplus Intergrated Circuits API8108A Datasheet HTML 7Page - Aplus Intergrated Circuits API8108A Datasheet HTML 8Page - Aplus Intergrated Circuits API8108A Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
API8108A
APLUS
1
Sec110 + Sec 10 + Sec 5
Group 4
Sec 10 + Sec 11 + Sec 12
Group 3
Sec 3 + Sec 2
Group 2
Sec 1 + Sec 2 + Sec 3 -----. Sec 109
1
Group
Section Entry
Group No.
An example of group configuration is illustrated below:
applications with many repeated sounds or words.
flexibility and allows data to be re-used, beneficial for
playback without limiting sequencing. This provides
the fundamental voice building blocks for arranging
memory sections of up to 124 sections. These sections are
Voice within each group are combinations of different fixed
Group Configuration
trigger multiple groups playback in sequence.
controlled by TG1 to TG4 pins. The SBT pin can be used to
maximum of eight groups are available with activation
sections will form an individual group for data playback. A
subdivided into 124 sections. Any combination of these
The voice data memory area of the API8108A can be
Group of sections
evelopment tools support
D
*
A at 3V)
m
Low standby current (<5
*
3.0V-6V single power supply operation
*
uto-power down
A
*
directly
drives buzzer or speaker
2
OUT
and V
1
OUT
# V
pin drives speaker with a transistor
OUT
* C
ptional pop noise elimination function
O
*
quality
ADPCM data compression provides high sound
*
uilt-in D/A converter, EPROM
B
*
ingle external resistor to determine sample rate
S
*
uilt-in oscillator with variable sample rate
B
*
Pulse, BUSY Signal, and LED
Three programmable output pins for STP Stop
*
RP interrupt pin for master reset
I
*
15 ms debounce time suitable for CDS
*
triggering option
oldable and unholdable, edge and level
H
#
SBT for sequential play-all
*
Four trigger pins,TG1 to TG4 for eight groups
*
oice data re-use saves memory space
V
*
extends the duration of playback
ombination of voice building blocks
C
*
ersatile features for playback
V
*
inimum 10 second voice length at 6 KHz
M
*
FEATURES
playback.
down function eliminates undesired noise at the end of
filtering or amplifier circuit is needed. An automatic ramp-
speaker through a low cost NPN transistor. No complex
, enables the device to drive a
OUT
A current output pin, C
provides direct drive to buzzer or speaker.
2
OUT
and V
The API8108A provides wide operating voltage range
feom 2.8Vto6.0V.PWM digital amplifier output pins,VOUT1
music each from one of two different chips.
mixer in which speech can be mixed with background
parallel in order to achieve signal mixing without an external
longer voice duration. Two devices can be configured in
duration. In addition, devices can be cascaded to achieve
Versatile combinations in sections achieve longer playback
sounds and even special sound effects can be synthesized.
Sounds such as human speech, animal sounds, musical
in voice playback but still achieves high voice quality.
The API8108A eliminates the need of complicated circuitry
data at 6 KHz sample rate.
chip EPROM which can store up to ten seconds of voice
is used. The audio message is stored in a 256K bits on-
varying playback duration. A proprietary ADPCM algorithm
API8108A is a high quality voice synthesizer capable of
GENERAL DESCRIPTION
VOICE ROM
ANT
TILE 10 SEC INST
VERSA
JUNE 1999


Similar Part No. - API8108A

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API8208 APLUS-API8208 Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208G APLUS-API8208G Datasheet
42Kb / 2P
OTP VOICE SERIES
API8208G-8 APLUS-API8208G-8 Datasheet
42Kb / 2P
OTP VOICE SERIES
API820G APLUS-API820G Datasheet
584Kb / 5P
tiny-controller-based voice synthesizer IC
More results

Similar Description - API8108A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSSI121-2 MOSEL-MSSI121-2 Datasheet
10Kb / 1P
12 Instant Voice VROM
logo
Aplus Intergrated Circu...
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API840N APLUS-API840N Datasheet
284Kb / 10P
32 to 40 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
22C040 ISSI-22C040 Datasheet
58Kb / 11P
32 to 40 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
M5106 ETC-M5106 Datasheet
99Kb / 1P
6 SEC VOICE
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
M5109 ETC-M5109 Datasheet
99Kb / 1P
9 SEC VOICE
APL8208 ETC-APL8208 Datasheet
2Mb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
VERSATILE 10 SEC INSTANT VOICE ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com