Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API840 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # API840
Description  32 to 40 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API840 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  API840 Datasheet HTML 1Page - Aplus Intergrated Circuits API840 Datasheet HTML 2Page - Aplus Intergrated Circuits API840 Datasheet HTML 3Page - Aplus Intergrated Circuits API840 Datasheet HTML 4Page - Aplus Intergrated Circuits API840 Datasheet HTML 5Page - Aplus Intergrated Circuits API840 Datasheet HTML 6Page - Aplus Intergrated Circuits API840 Datasheet HTML 7Page - Aplus Intergrated Circuits API840 Datasheet HTML 8Page - Aplus Intergrated Circuits API840 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
32 to 40 SEC INSTANT VOICE ROM
FEATURES
* Voice length at
- 8 KHz sampling is 32 seconds
- 6 KHz sampling is 40 seconds
* Silence compression to save memory
* Eight trigger pins,TG1 to TG8 for 32 sections
* SBT pin play-all or sequential play-all
* 15 ms debounce time suitable for CDS
* IRP interrupt pin stops playback at once
* STP stop pulse generated at end of playback
* BUSY signal for CPU control
* Two LEDs flash at 3 Hz internal
* 3.0V to 6V single power supply operation
* Low standby current (<5
mA at 3V)
* Auto-power down
* Built-in oscillator, D/A converter, EPROM
* ADPCM data compression
* Optional pop noise elimination function
*COUT pin drives speaker with a transistor
* Development tools support
*VOUT1 and VOUT2 drives buzzer directly
* Sampling rate determined by external resistor
* Holdable and unholdable triggering option
* Industrial temperature available
GENERAL DESCRIPTION
API840N is a high-quality voice synthesizer with a capacity
of 32 to 40 seconds. A proprietary ADPCM algorithm is
used. The audio message is stored in a 1024-Kbit on-chip
EPROM.
The API840N eliminates the need of complicated circuitry
in voice playback (Figure 1) but still achieves high voice
quality. Sounds such as human speech, animal sounds,
musical sounds, and even special sound effects can be
synthesized. Devices can be cascaded to achieve longer
voice duration (Figure 3). Two devices can be configured
in parallel (Figure 4) in order to achieve signal mixing
without an external mixer allowing speeches to be mixed
with background music synthesis from two different chips.
The instant programming nature of the API840N allows a
very short production turnaround time. There are no NRE
charges that are usually required with conventional voice
ROMs. Users now can apply a voice synthesis function as
an additional feature to their products even when production
volume is relatively small. It is also ideal for trial or
engineering prototyping. As a result, the initial investment
is minimal and the risk in the product development phase
is reduced.
The API840N provides a wide voltage operating range
from 3.0V to 6.0V. A pair of PWM output pins, VOUT1 and
VOUT2 provide direct drive to a buzzer (Figure 2). Voice
quality from a buzzer is comparable to speaker output and
power consumption is much lower.
A current output pin, COUT, enables the device to drive a
speaker with a low cost NPN transistor. No complex
filtering or amplifier circuit is needed. An automatic ramp
up/down function eliminates the undesired noise at the
end of playback.
Up to 32 sections are accessible through TG1 to TG8.The
SBT trigger pin can be programmed to playback all 32
sections or sequentially from section 1 to 32. An interrupt
pin (IRP) and stop pulse (STP) or BUSY signals provide
handshaking with microprocessors or other API840N
devices. All trigger pins give 15 ms debounce time and is
ideal for CDS applications as in Figure 6. Two LED drivers
are available, flashing on and off at approximately 3Hz
intervals (Figure 5). The internal voltage compensation
oscillator requires only one external resistor. Different
sampling frequencies are determined by the external
oscillator resistor value.
JUNE 1999
APLUS
API840N


Similar Part No. - API840

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
VERSATILE 10 SEC INSTANT VOICE ROM
API8208 APLUS-API8208 Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208G APLUS-API8208G Datasheet
42Kb / 2P
OTP VOICE SERIES
API8208G-8 APLUS-API8208G-8 Datasheet
42Kb / 2P
OTP VOICE SERIES
More results

Similar Description - API840

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS2105-1 MOSEL-MSS2105-1 Datasheet
336Kb / 27P
21/32/43/60 VOICE ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
MSSI121-2 MOSEL-MSSI121-2 Datasheet
10Kb / 1P
12 Instant Voice VROM
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
VERSATILE 10 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
22C040 ISSI-22C040 Datasheet
58Kb / 11P
32 to 40 SEC INSTANT VOICE ROM
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
APL8208 ETC-APL8208 Datasheet
2Mb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
VERSATILE 10 SEC INSTANT VOICE ROM
logo
Aplus Intergrated Circu...
PR2060 APLUS-PR2060 Datasheet
1Mb / 28P
40 ~ 80 sec recording voice IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com