Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API840 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # API840
Description  32 to 40 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API840 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  API840 Datasheet HTML 1Page - Aplus Intergrated Circuits API840 Datasheet HTML 2Page - Aplus Intergrated Circuits API840 Datasheet HTML 3Page - Aplus Intergrated Circuits API840 Datasheet HTML 4Page - Aplus Intergrated Circuits API840 Datasheet HTML 5Page - Aplus Intergrated Circuits API840 Datasheet HTML 6Page - Aplus Intergrated Circuits API840 Datasheet HTML 7Page - Aplus Intergrated Circuits API840 Datasheet HTML 8Page - Aplus Intergrated Circuits API840 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
DC CHARACTERISTICS
Symbol
Parameter Description
Condition
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
3.0
4.5
5.0
V
ISB
Standby Current
VCC = 3.0V, I/O Open
-
1
5
mA
IOP
Operating Current
Vcc = 3.0V, I/O Open
-
-
100
mA
VIH
Input HIGH Voltage
Vcc = 3.0V
2.5
3.0
3.5
V
VIL
Input LOW Voltage
Vcc = 3.0V
-0.3
0
0.3
V
IOH
VOUT LOW O/P Current
Vcc = 3.0V, VOUT = 0V
-
-12
-
mA
IOL
VOUT HIGH O/P Current
Vcc = 3.0V, VOUT = 3.0V
-
12
-
mA
ICO
COUT O/P Current
Vcc = 3.0V, VCOUT = 0.7V
-
- 2
-
mA
ISTPH
STP LOW O/P Current
Vcc = 3.0V, VSTP = 0V
-
- 5
-
mA
TSTPL
STP HIGH O/P Current
Vcc = 3.0V, VSTP = 3.0V
-
5
-
mA
ILED
Output Current LED
Vcc = 3.0V - 6.0V
6
8
10
mA
DF/F
Frequency Stability
FOSC(3V) - F OSC(3.5V)
-
-
5
%
FOSC (3V)
BONDING PARAMETERS
Pin
Name
X
Y
1
TG8
3451.9
1599.7
2
3451.9
1861.0
3VOUT1
3451.9
2147.6
4VOUT2
3451.9
2444.5
5
GND
3368.10
2803.35
6
STP
137.18
2795.93
7
100.4
2486.3
8COUT
100.4
2245.0
9
OSC
100.4
1790.0
10
TG5
100.4
1469.5
11
TG6
100.4
1230.0
12
VPP
100.4
989.6
13
TG1
100.4
662.3
14
TG2
100.4
422.7
15
VCC
187.05
113.78
16
TG3
3372.5
141.8
17
TG4
3451.9
581.5
18
SBT
3451.9
836.0
19
IRP
3451.9
1090.6
20
TG7
3451.94
1345.13
BONDING DIAGRAM
(0,0)
X
Y
Note: Substrate must be connected to GND
Pad size = 100
mm x 100 mm
5
4
3
2
1
20
19
18
17
16
6
7
8
9
10
11
12
13
14
15
APLUS
API840N
LED1
LED2
Die size:3628
mm x 3797mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com