Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API840 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # API840
Description  32 to 40 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API840 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  API840 Datasheet HTML 1Page - Aplus Intergrated Circuits API840 Datasheet HTML 2Page - Aplus Intergrated Circuits API840 Datasheet HTML 3Page - Aplus Intergrated Circuits API840 Datasheet HTML 4Page - Aplus Intergrated Circuits API840 Datasheet HTML 5Page - Aplus Intergrated Circuits API840 Datasheet HTML 6Page - Aplus Intergrated Circuits API840 Datasheet HTML 7Page - Aplus Intergrated Circuits API840 Datasheet HTML 8Page - Aplus Intergrated Circuits API840 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Programmable Options
The API840N provides different control functions for user
specified applications. They include:
* Non-sequential or Sequential Play-all
* Unholdable or Holdable trigger
* STOP or BUSY signal selection
* Automatic ramp-up/ramp-down or no ramp-up/ramp-down
OSCILLATOR
OSC
CLOCK
GENERATOR
CONTROL
LOGIC
TG1
TG8
SBT
IRP
LED
DRIVER
LED2
LED1
STP
POP NOISE
REDUCTION
ADDRESS
SEQUENCER
VOICE
EPROM
ADPCM
DECODER
BUZZER
BUFFER
D/A
COUT
VOUT1
VOUT2
GND
Vcc
BLOCK DIAGRAM
OPERATING RANGE
Range
Ambient Temp.
Vcc
Commercial
0
°C to +70°C
3.0V to 5.0V
Industrial
-40
°C to +85°C
3.0V to 5.0V
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
-0.5 to +7.0
V
TBIAS
Temperature Under Bias
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Silence Compression
If a particular sound sequence includes periods of silence,
the API840N will automatically compress the silence to
save memory space. This compression will not affect
playback of the sound sequence.
APLUS
API840N



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com