Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API840 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # API840
Description  32 to 40 SEC INSTANT VOICE ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API840 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  API840 Datasheet HTML 1Page - Aplus Intergrated Circuits API840 Datasheet HTML 2Page - Aplus Intergrated Circuits API840 Datasheet HTML 3Page - Aplus Intergrated Circuits API840 Datasheet HTML 4Page - Aplus Intergrated Circuits API840 Datasheet HTML 5Page - Aplus Intergrated Circuits API840 Datasheet HTML 6Page - Aplus Intergrated Circuits API840 Datasheet HTML 7Page - Aplus Intergrated Circuits API840 Datasheet HTML 8Page - Aplus Intergrated Circuits API840 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PIN DESCRIPTIONS
Name
I/O
Function
TG8
I
Trigger Switch 8, Internal Pull LOW,
Active HIGH
O
Drives First LED Flash at 3 Hz,
Active LOW
VOUT1
O
PWM Audio Signal Output for
Buzzer
VOUT2
O
Compliment PWM Audio Signal
Output for Buzzer
GND
-
Power Ground
STP/BUSY
O
Generate 30 ms Pulse or Busy
Signal After Voice Playback
O
Drives Second LED Flash at 3 Hz,
Active LOW
COUT
O
Current Output from Internal DAC
for Speaker Playback
OSC
I
Oscillator Resistor Pin to Control
Sampling Frequency
TG5
I
Trigger Switch 5, Internal Pull LOW,
Active HIGH
TG6
I
Trigger Switch 6, Internal Pull LOW,
Active HIGH
VPP
-
Program Power Supply, No
Connect When Voice Playback
TG1
I
Trigger Switch 1, Internal Pull LOW,
Active HIGH
TG2
I
Trigger Switch 2, Internal Pull LOW,
Active HIGH
VCC
-
Positive Power Supply
TG3
I
Trigger Switch 3, Internal Pull LOW,
Active HIGH
TG4
I
Trigger Switch 4, Internal Pull LOW,
Active HIGH
SBT
I
One Key or Sequential Trigger,
Internal Pull LOW, Active HIGH
IRP
I
Interrupt to Stop Playback, Internal
Pull LOW, Active HIGH
TG7
I
Trigger Switch 7, Internal Pull LOW,
Active HIGH
Note:
1. The following pins are used to program data into the memory on the chip:
pins 5, 6, 7, 9, 12, 15, 18 and 19.
PIN CONFIGURATION
20-Pin 300-mil PDIP
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TG8
LED1
VOUT1
VOUT2
GND
STP
LED2
COUT
OSC
TG5
TG7
IRP
SBT
TG4
TG3
VCC
TG2
TG1
VPP
TG6
APLUS
API840N
LED 1
LED 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com