Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7322MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM7322MA/NOPB
Description  High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM7322MA/NOPB Datasheet HTML 12Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 13Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 14Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 15Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 16Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 17Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 18Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 19Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
1
10
100
1k
100k
FREQUENCY (Hz)
1
10
100
1000
10k
0.1
1
10
100
VOLTAGE
CURRENT
VS = ±15V
0
10
1k
1M
FREQUENCY (Hz)
-80
-50
100k
10k
100
-20
-30
-60
-70
-40
-10
VS = 2.7V, VCM = 0.8V
VS = ±5V
VS = ±15V
AV = +2
VIN = 520 mVPP
RL = 100 k:
1
10
100
1k
100k
FREQUENCY (Hz)
1
10
100
1000
10k
0.1
1
10
100
VOLTAGE
CURRENT
VS = 2.7V
1
10
100
1k
100k
FREQUENCY (Hz)
1
10
100
1000
10k
0.1
1
10
100
VOLTAGE
CURRENT
VS = ±5V
1000 pF
750 pF
500 pF
330 pF
100 pF
10 pF
INPUT
200 ns/DIV
VS = ±5V
AV = +1
5 Ps/DIV
VS = ±15V, AV = +1
INPUT
10 pF
2,200 pF
8,600 pF
12,200 pF
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C.
Small Signal Step Response
Large Signal Step Response
Figure 54.
Figure 55.
Input Referred Noise Density vs. Frequency
Input Referred Noise Density vs. Frequency
Figure 56.
Figure 57.
Input Referred Noise Density vs. Frequency
THD+N vs. Frequency
Figure 58.
Figure 59.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com