Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7322MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM7322MA/NOPB
Description  High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM7322MA/NOPB Datasheet HTML 1Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 2Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 3Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 4Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 5Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 6Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 7Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 8Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
±5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 5V, V− = −5V, V
CM = 0V, VOUT = 0V, and RL > 1 MΩ to 0V.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(2)
(3)
(2)
RL = 10 kΩ to 0V
100
250
VID = 100 mV
280
Output Voltage Swing
High
RL = 2 kΩ to 0V
160
350
VID = 100 mV
450
mV from
VOUT
either rail
RL = 10 kΩ to 0V
35
200
VID = −100 mV
250
Output Voltage Swing
Low
RL = 2 kΩ to 0V
80
200
VID = −100 mV
250
Sourcing
35
70
VID = 200 mV, VOUT = −5V
(6)
20
IOUT
Output Current
mA
Sinking
50
85
VID = −200 mV, VOUT = 5V
(6)
30
1.0
1.3
LM7321
2
IS
Supply Current
VCM = −4.5V
mA
2.3
2.8
LM7322
3.8
SR
Slew Rate (7)
AV = +1, VI = 8V Step
12.3
V/µs
fu
Unity Gain Frequency
RL = 2 kΩ, CL = 20 pF
9
MHz
GBW
Gain Bandwidth
f = 50 kHz
16
MHz
en
Input Referred Voltage Noise Density
f = 2 kHz
14.3
nV/
in
Input Referred Current Noise Density
f = 2 kHz
1.35
pA/
f = 1 kHz, RL = 100 kΩ, AV = +2
THD+N
Total Harmonic Distortion + Noise
−79
dB
VOUT = 8 VPP
CT Rej.
Crosstalk Rejection
f = 100 kHz, Driver RL = 10 kΩ
60
dB
(6)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is
infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5 ms.
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
±15V Electrical Characteristics
(1)
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 15V, V− = −15V, V
CM = 0V, VOUT = 0V, and RL > 1MΩ to
15V. Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(2)
(3)
(2)
−6
±0.7
+6
VOS
Input Offset Voltage
VCM = −14.5V and VCM = 14.5V
mV
−8
+8
VCM = −14.5V and VCM = 14.5V
TC VOS
Input Offset Voltage Temperature Drift
±2
µV/°C
(4)
VCM = −14.5V
−2
−1.1
(5)
−2.5
IB
Input Bias Current
µA
VCM = 14.5V
0.45
1.0
(5)
1.5
30
300
IOS
Input Offset Current
VCM = −14.5V and VCM = 14.5V
nA
500
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage temperature drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com