Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7322MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM7322MA/NOPB
Description  High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM7322MA/NOPB Datasheet HTML 7Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 8Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 9Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 10Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 11Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 12Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 13Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 14Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
-5
-3
-1
1
3
5
-1.5
-1
-0.5
0
0.5
1
VCM (V)
VS = ±5V
-40°C
25°C
125°C
85°C
0
0.5
1
1.5
2
2.5
3
VCM (V)
-1.5
-1
-0.5
0
0.5
1
VS = 2.7V
-40°C
25°C
85°C
125°C
0
5
10
15
20
25
30
35
40
-1
0
VS (V)
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
85°C
125°C
25°C
-40°C
VCM = V
+
-0.5V
0
5
10
15
20
25
30
35
40
VS (V)
-2.2
-2
-1.8
-1.6
-1.4
-1.2
-1
-40°C
25°C
85°C
125°C
VCM = V+ -0.5V
0
5
10
15
20
25
30
35
40
VS (V)
-2.5
-2
-1.5
-1
-0.5
0
-40°C
25°C
85°C
125°C
VCM = V
-
+0.5V
0
5
10
15
20
25
30
35
40
VS (V)
-2
-1.8
-1.6
-1.4
-1.2
-1
VCM = V
+
-0.5V
-40°C
25°C
85°C
125°C
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C.
VOS vs. VS (Unit 3)
VOS vs. VS (Unit 1)
Figure 24.
Figure 25.
VOS vs. VS (Unit 2)
VOS vs. VS (Unit 3)
Figure 26.
Figure 27.
IBIAS vs. VCM
IBIAS vs. VCM
Figure 28.
Figure 29.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com