Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7322MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM7322MA/NOPB
Description  High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM7322MA/NOPB Datasheet HTML 1Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 2Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 3Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 4Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 5Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 6Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 7Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 8Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
0.1
1
10
100
ISOURCE (mA)
0.01
0.1
1
10
VS = ±15V
125°C
85°C
25°C
-40°C
5 Ps/DIV
VS = ±15V, AV = +1
INPUT
10 pF
2,200 pF
8,600 pF
12,200 pF
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Output Swing vs. Sourcing Current
Figure 2. Large Signal Step Response
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Human Body Model
2 kV
ESD Tolerance (3)
Machine Model
200V
Charge-Device Model
1 kV
VIN Differential
±10V
Output Short Circuit Current
See (4)
Supply Voltage (VS = V
+ - V−)
35V
Voltage at Input/Output pins
V+ +0.8V, V−
−0.8V
Storage Temperature Range
−65°C to 150°C
Junction Temperature (5)
150°C
Soldering Information:
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Rating indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is
infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5 ms.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX)) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
Supply Voltage (VS = V
+ - V−)
2.5V to 32V
Temperature Range (1)
−40°C to 125°C
Package Thermal Resistance,
θJA,
(1)
5-Pin SOT-23
325°C/W
8-Pin VSSOP
235°C/W
8-Pin SOIC
165°C/W
(1)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX)) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com