Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ591 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFQ591
Description  NPN 7 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ591 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFQ591 Datasheet HTML 1Page - NXP Semiconductors BFQ591 Datasheet HTML 2Page - NXP Semiconductors BFQ591 Datasheet HTML 3Page - NXP Semiconductors BFQ591 Datasheet HTML 4Page - NXP Semiconductors BFQ591 Datasheet HTML 5Page - NXP Semiconductors BFQ591 Datasheet HTML 6Page - NXP Semiconductors BFQ591 Datasheet HTML 7Page - NXP Semiconductors BFQ591 Datasheet HTML 8Page - NXP Semiconductors BFQ591 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NXP Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFQ591
handbook, halfpage
0
Ts (°C)
3
2
1
0
50
100
200
150
MLD796
Ptot
(W)
Fig.2 Power derating curve.
handbook, halfpage
0
250
50
100
150
200
MRA749
10−2
10−1
110
102
hFE
IC (mA)
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =12V.
handbook, halfpage
0
VCB (V)
1.2
0.8
0.4
0
48
16
12
MLD797
Cre
(pF)
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
IC = 0; f = 1 MHz.
handbook, halfpage
8
4
2
0
6
MLD798
1
fT
(GHz)
IC (mA)
10
102
Fig.5
Transition frequency as a function of
collector current.
VCE = 12 V; f = 1 GHz.
Rev. 04 - 2 October 2007
5 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com